| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM2071 bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2071 bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 56 page ![]() BlueNRG-1 throughput demonstration application UM2071 40/56 DocID029370 Rev 3 Program the client bidirectional application on one BlueNRG-1 platform and reset it. The platform is seen on the PC as a virtual COM port. Open the related port in a serial terminal emulator (the required serial port baudrate is 921600) Program the server bidirectional application on a second BlueNRG-1 platform and reset it. Open the related port in a serial terminal emulator (the required serial port baudrate is 921600) The two platforms try to establish a connection; if successful, the slave device continuously sends notifications of TX characteristic (20 bytes) to the client device and the client device continuously sends write without responses of the RX characteristic (20 bytes) to the server device. After every 500 packets, the measured application bidirectional throughput is displayed. |