| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM2071 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2071 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 56 page ![]() BlueNRG-1 Navigator UM2071 14/56 DocID029370 Rev 3 3 BlueNRG-1 Navigator BlueNRG-1 Navigator is a user friendly GUI which lets you select and run demonstration applications easily, without requiring any extra hardware. With it, you can access the following BlueNRG-1 DK software package components: BlueNRG-1 Bluetooth low energy (BLE) demonstration applications BlueNRG-1 peripheral driver examples BlueNRG-1 development kits release notes license files With BlueNRG-1 DK Navigator, you can directly download and run the selected prebuilt application binary image (BLE examples or peripheral driver example) on the BlueNRG-1 platform without a JTAG interface. The interface gives demo descriptions and access to board configurations and source code if needed. You can run the utility through the BlueNRG- 1 Navigator icon under: Start → STMicroelectronics → BlueNRG -1 DK X.X.X → BlueNRG-1 Navigator Figure 3: BlueNRG-1 Navigator 3.1 BlueNRG- 1 Navigator ‘Demonstration Applications’ You can navigate the menus for the reference/demo application you want to launch. For each application, the following information is provided: Application settings (if applicable) Application description Application hardware related information (e.g., LED signals, jumper configurations, etc.) The following functions are also available for each application: Flash: to automatically download and run the available prebuilt binary file to a BlueNRG-1 platform connected to a PC USB port. |