| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM2071 bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2071 bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 56 page ![]() UM2071 BlueNRG-1 sensor profile central demo DocID029370 Rev 3 37/56 11 BlueNRG-1 sensor profile central demo The BlueNRG-1 sensor profile central demo is supported on the BlueNRG-1 development platform (STEVAL-IDB007V1). It implements a basic version of the BlueNRG-1 Sensor Profile Central role which emulates the BlueNRG-1 Sensor Demo applications available for smartphones (iOS and android). This application configures a BlueNRG-1 device as a BlueNRG-1 Sensor device, Central role which is able to find, connect and properly configure the free fall, acceleration and environment sensors characteristics provided by a BlueNRG-1 development platform configured as a BlueNRG-1 Sensor device, Peripheral role (refer to Section 10: " BlueNRG-1 sensor profile demo "). This application uses a new set of APIs allowing to perform the following operations on a BlueNRG-1 Master/Central device: Master Configuration Functions Master Device Discovery Functions Master Device Connection Functions Master Discovery Services, Characteristics Functions Master Data Exchange Functions Master Security Functions Master Common Services Functions These APIs are provided through a binary library and they are fully documented on available doxygen documentation within the BlueNRG-1 DK SW package. The following master/central binary libraries are provided on Bluetooth_LE\Profile_Framework_Central\library folder: master_library_bluenrg1.lib for IAR and Keil toolchains libmaster_library_bluenrg1.a for Atollic toolchain |