công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STV6404E-001 bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện STV6404E-001
Giải thích chi tiết về linh kiện  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6404E-001 bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button STV6404E-001 Datasheet HTML 2Page - STMicroelectronics STV6404E-001 Datasheet HTML 3Page - STMicroelectronics STV6404E-001 Datasheet HTML 4Page - STMicroelectronics STV6404E-001 Datasheet HTML 5Page - STMicroelectronics STV6404E-001 Datasheet HTML 6Page - STMicroelectronics STV6404E-001 Datasheet HTML 7Page - STMicroelectronics STV6404E-001 Datasheet HTML 8Page - STMicroelectronics STV6404E-001 Datasheet HTML 9Page - STMicroelectronics STV6404E-001 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
6/54
2.
Operating Modes
2.1
Image Read-out Options
The output image format is CIF (352 x 288 pixel array). To provide the colour co-processor with the extra information
it needs for interpolation at the edges of the VV6404 pixel array, an optional border 2 pixels deep on all 4 sides of the
array can be enabled (Figure 4). The resulting image size of 356 x 292 pixels is the default power up state for this
camera module. The border option is programmable via the serial interface.
Image read-out is either non-interlaced raster scan, or ‘shuffled’ non-interlaced raster scan.
The shuffled raster scan order differs from a conventional raster in that the pixels of individual rows are re-ordered,
with the odd pixels within a row read-out first, followed by the even pixels.
This ‘shuffled’ read-out within a line, is useful in the VV6404 device as it groups pixels of the same colour (according
to the Bayer pattern - Figure 3) together, reducing cross talk between the colour channels.
NOTE: This option is on by default in both VV5404 and VV6404 sensors and is controllable via the serial interface.
2.2
Frame Rate Options
Two options: 30 fps or 25 fps (Assuming a 7.15909 MHz input clock and the default clock divider setting). The number
of video lines in for each frame rate is the same (304), the slower frame rate is implemented by extending the line
period from 393 pixel periods to 471 pixel periods. 30 fps is the default option, the frame rate is programmable via the
serial interface.
Border
Image size (column x row)
Disabled
352 x 288
Enabled
356 x 292
Default
Table 1 : Image Format Selection.
Frame Rate (fps)
Frame Timing (Pixels x Lines)
25
471 x 304
30
393 x 304
default
Table 2 : Frame Rate Selection
Blue
Green
Green
Red
Even
Columns
(0, 2, 4,...)
Odd
Columns
(1, 3, 5,...)
Even
Rows
(0, 2, 4,...)
Odd
Rows
(1, 3, 5,...)
Figure 3 : Bayer Colourisation Pattern. (VV6404 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com