công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STV6404E-001 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STV6404E-001
Giải thích chi tiết về linh kiện  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6404E-001 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STV6404E-001 Datasheet HTML 1Page - STMicroelectronics STV6404E-001 Datasheet HTML 2Page - STMicroelectronics STV6404E-001 Datasheet HTML 3Page - STMicroelectronics STV6404E-001 Datasheet HTML 4Page - STMicroelectronics STV6404E-001 Datasheet HTML 5Page - STMicroelectronics STV6404E-001 Datasheet HTML 6Page - STMicroelectronics STV6404E-001 Datasheet HTML 7Page - STMicroelectronics STV6404E-001 Datasheet HTML 8Page - STMicroelectronics STV6404E-001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
®
Mono and Colour Digital Video CMOS Image Sensors
CD5404-6404F-A
1/54
VV5404 & VV6404
DESCRIPTION
VV5404 and VV6404 are highly integrated CMOS VLSI
sensors which enables high standards of performance and
image quality at a very cost-effective price point. The 356 x
292 monochrome device offers one of the simplest routes
currently available to design-in of imaging applications, while
the colour device is ideal for low cost PC camera applications.
Both devices incorporate a comprehensive range of on-board
controls eliminating the need for additional support chips. On-
chip A/D conversion provides 8 bit digital output and the
device set up is fully automatic via the built-in automatic black
level calibration algorithm.
Exposure and gain settings are programmable and operation
is controlled via a serial interface.
This sensors offer variable frame rates of up to 30 frames per
second and a 4 wire digital video bus. The digital interface
also provides a tri-stateable data qualification clock and frame
synchronisation signal.
Hand-held products, in applications such as PDAs, bar code
scanning or automatic meter reading, will benefit from the low
power requirements and from the inbuilt sleep and power
down modes.
The price and performance standards introduced with the
VV5404 and VV6404 enable use of an imaging solution
where previously it may not have been practicable on cost
grounds.
BLOCK DIAGRAM
FEATURES
CIF Format mono or colour pixel array
Up to 30 frames per second operation
On-chip 8 bit analogue to digital converter
Low power consumption
Up to 356 x 292 pixel image size
Automatic exposure and gain control
Serial interface control
Programmable exposure and gain values
Automatic black level calibration
4-wire digital video bus
Evaluation kit available
APPLICATIONS
PC Cameras
Biometrics
Inspection Systems
SPECIFICATIONS
Important:
1.
A colour co-processor is required to convert the VV6404 sensor’s video
data stream of raw colourised pixel data into either a CIF or QCIF for-
mat RGB or YUV colour image.
2.
VV5404 and VV6404 do NOT have any form of automatic exposure
control. This must be performed externally.
SAM PLE & HO LD
HORIZO NTAL SHIFT
PHOTO DIODE
ANALO G
VO LTAG E
REFS.
SD A
SC L
D[3:0]
VERTICAL
SHIFT
REG ISTER
CLK O
8-bit
ADC
ARRAY
REG ISTER
SERIAL
INTER-
FACE
OUTPUT
FORM AT
GAIN
IM AG E
FO RM AT
BLACK
CALIBRATIO N
EXPO SURE
REG ISTERS
STAG E
OEB
FS T
QC K
SIN
CLKI
Pixel resolution
356 x 292 (CIF)
Array size
4.272mm x 3.212mm
Pixel size
12.0
µm x 11.0 µm
Min. illumination
0.1 lux
Exposure control
Automatic (to 25000:1)
Gain control
Automatic (to +20dB)
Signal/Noise ratio
46dB
Supply voltage
5.0v DC
+/− 5%
Supply current
<75mA
Operating
temperature
(ambient)
0oC - 40oC
(for extended temp. info please con-
tact STMicroelectronics)
Package type
48LCC


Số phần tương tự - STV6404E-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STV6400 STMICROELECTRONICS-STV6400 Datasheet
85Kb / 9P
DOUBLE SCART INTERFACE
May-1996
STV6400D STMICROELECTRONICS-STV6400D Datasheet
85Kb / 9P
DOUBLE SCART INTERFACE
May-1996
STV6408 STMICROELECTRONICS-STV6408 Datasheet
472Kb / 9P
VIDEO MATRIX
More results

Mô tả tương tự - STV6404E-001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
CMOS Image Sensors
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
COLOUR DIGITAL VIDEO CAMERA DECODER IC
logo
STMicroelectronics
VC5700 STMICROELECTRONICS-VC5700 Datasheet
30Kb / 2P
UXGA Resolution Digital Video CMOS Image Sensor
2004-Oct
VV5410 STMICROELECTRONICS-VV5410 Datasheet
1Mb / 105P
Mono and Colour Digital Video CMOS Image Sensors
28-Sep-2000
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
Colour Digital Video Camera Decoder IC
logo
Zarlink Semiconductor I...
VP7610 ZARLINK-VP7610 Datasheet
242Kb / 14P
COLOUR DIGITAL VIDEO CAMERA DECODER IC
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
Colour Digital Video Camera Decoder IC
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
SXGA Color/Mono Digital CMOS Image Sensor
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
CMOS area image sensors
S11105 HAMAMATSU-S11105_15 Datasheet
348Kb / 9P
CMOS linear image sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com