công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STV6404E-001 bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STV6404E-001
Giải thích chi tiết về linh kiện  Mono and Colour Digital Video CMOS Image Sensors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6404E-001 bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STV6404E-001 Datasheet HTML 1Page - STMicroelectronics STV6404E-001 Datasheet HTML 2Page - STMicroelectronics STV6404E-001 Datasheet HTML 3Page - STMicroelectronics STV6404E-001 Datasheet HTML 4Page - STMicroelectronics STV6404E-001 Datasheet HTML 5Page - STMicroelectronics STV6404E-001 Datasheet HTML 6Page - STMicroelectronics STV6404E-001 Datasheet HTML 7Page - STMicroelectronics STV6404E-001 Datasheet HTML 8Page - STMicroelectronics STV6404E-001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
VV5404 & VV6404
CD5404-6404F-A
5/54
1. Fast QCK: the falling edge of the clock qualifies the nibble data irrespective of whether it is the most or the least
significant nibble.
2. Slow QCK: the rising edge of the clock qualifies the most significant nibbles while the falling edge of the clock
qualifies the least significant nibbles.
The FST can be enabled/disabled via the serial interface.
OEB tri-states all 4 databus lines, D[3:0], the qualification clock, QCK and the frame start signal, FST.
There are 3 main ways of interfacing to the VV5404 or VV6404 sensor based on the above signals:
1. The processor capturing the data (or colour co-processor for VV6404) supplies the sensor clock, CKI, and uses
the embedded control sequences to synchronise with the frame and line level timings. Thus the processor and
sensor are running off derivatives of the same fundamental clock (4 fsc - 14.31818 MHz). To allow the receiver
to determine the best sampling position of the video data, during its power-up sequence the sensor outputs a
101010... sequence on each of its databus lines for the video processor to lock on to.
2. The video processor uses a free-running QCK supplied by the sensor to sample the incoming video data
stream. The embedded control sequences are used to synchronise the frame and line level timings. A crystal is
used to generate the clock for the sensor.
3. The video processor uses FST and the data only mode for QCK to synchronise to the incoming video data. Pri-
marily intended for interfacing to frame grabbers.
The 2-wire serial interface provides complete control over how the sensor is setup and run. Exposure and gain values
are programmed via this interface. Section 5. defines the communications protocol and the register map of all the
locations which can be accessed via the serial interface.
Using the first two interface options outlined above it is possible to control the sensor and receive video data via a 9-
wire cable between the sensor and the video processor/colour-processor.
1. A 4-wire data bus (D[3:0]) for sending both video data and embedded timing references.
2. A 2-wire serial interface (SDA,SCL).
3. The clock for the sensor or QCK from the sensor.
4. VCC and GND power lines.
The various image read-out and frame rate options are detailed in Sections 2 and 3 respectively.
Figure 2 : Interfacing Options
SDA
SCL
D[3:0]
CLKI
Sensor
Colour
Co-processor
(processor)
SDA
SCL
D[3:0]
QCK
Sensor
Colour
Co-processor
(processor)
FST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com