| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1539 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1539 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 46 page ![]() November 2012 Doc ID 023106 Rev 1 1/46 UM1539 User manual STEVAL-IFS017V1 multi device temperature sensor and RTC demo Introduction This document explains the functioning of the multiple temperature sensors and RTC demo which is based on a motherboard and daughter card approach. The complete system consists of one motherboard having an STM32F102xx microcontroller and different daughter cards having a temperature sensor and RTC. The temperature sensors supported by this system are: ■ STLM20 ■ STTS424E02 ■ STTS75 ■ STDS75 ■ STLM75 ■ STCN75 ■ STTS751 ■ STTS2002 RTCs supported by this system are: ■ M41T82SM6 ■ M41T83SQA6 ■ M41T83SMY6 This board operates in USB powered mode with a graphical user interface (GUI). The graphical user interface is used to access the registers and demonstrate the features of temperature sensors and RTCs. Figure 1. STM32F102xx based motherboard for temperature sensor and RTC AM12154v1 Temperature sensor address selection switches Status LED`s CN5 and CN6 for selecting daughter card power supply 3.3 V Therm O/P for STTS751 GND USB connector Daughter card connector www.st.com |
Số phần tương tự - UM1539 |
|
Mô tả tương tự - UM1539 |