công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9777B bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện L9777B
Giải thích chi tiết về linh kiện  High precision output voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777B bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button L9777B Datasheet HTML 14Page - STMicroelectronics L9777B Datasheet HTML 15Page - STMicroelectronics L9777B Datasheet HTML 16Page - STMicroelectronics L9777B Datasheet HTML 17Page - STMicroelectronics L9777B Datasheet HTML 18Page - STMicroelectronics L9777B Datasheet HTML 19Page - STMicroelectronics L9777B Datasheet HTML 20Page - STMicroelectronics L9777B Datasheet HTML 21Page - STMicroelectronics L9777B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Device options
L9777
18/25
DocID13496 Rev 4
6
Device options
6.1
Option A
This is the standard configuration with VDD output capable to source up to 100 mA to an
external load with low dropout (400 mV max.) and double reset function provided (NMI and
RESET output).
Note that as we can see in absolute section VDD and TIMING pin are capable to sustain
only short to VI pin.
With this option input digital pins VDD_EN and WD_EN are both pulled up by 5
μA typ
current source (minimum quiescent current is 110
μA typ.).
6.2
Option B
With this option VDD and TIMING pins are both capable to sustain short to 40V regardless
of VI battery voltage. To provide this feature a series diode is introduced between VI pin and
VDD power PMOS source. In this configuration current capability on VDD output is scaled
down to 50 mA while dropout voltage increases to 1.5V (Max). All other features are un-
changed and double reset capability is maintained.
In option B VDD_EN and WD_EN are both pulled down with 10
μA typ internal current
source so minimum quiescent current is reduced to 100
μA typ.
6.3
Option C
Using option C VDD is capable to sustain short to 40 V as in option B. VDD output current is
scaled down to 50 mA and dropout increase up to 1.5 V (Max).
Double reset feature is removed and RESET pin is used to monitor VDD output voltage
(VDD_LOW pin). A spike dependent filter time similar to VCC main regulator is provided and
same low voltage reset specifications applies to bipolar output driver (VDD_LOW driver).
For this reason TIMING pin is no more used and can be left floating or shorted to ground.
Note that NMI output pin behaves normally as in option A and becomes the main reset
signal for VCC and watchdog monitor.
As in option B VDD_EN and WD_EN are both pulled down with 10
μA typ internal current
source so minimum quiescent current is reduced to 100
μA typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com