| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9777B bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9777B bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 25 page ![]() Functional description L9777 12/25 DocID13496 Rev 4 In both cases, if the output voltage VCC becomes lower than 2.0V (typ) than NMI may go immediately low without any delay. The NMI low signal is guaranteed for an output voltage VCC greater than 1V. When VCC returns over VCCUN threshold NMI goes high with a filter time TRD. This time is obtained by 127 period of an oscillator with an additional initial time. The oscillator period is given by: TOSC VDU VDRL – CD IRC ----------------------------------------------------------- VDU VDRL – CD IRD ----------------------------------------------------------- + = where: ICR = 20 μA (typ) is a current internally generated, IDR = 20 μA (typ) is a current internally generated, VDU = 1.24 V and VDRL = 0.62 V are two typical internal thresholds, CD is the external capacitance on pin D. TRD is given by: TRD (s) = T0 + 127 x TOSC = 0.62*10-3 + 7.874* 106 * CD (typ) Where T0 is the initial ramp between 0 V and VDU as in Figure 8. Figure 8. Reset time diagram If NMI output goes to 0 V for filter time TRESDF (which is fixed by external cap on TIMING pin) also the RESET signal goes to 0 V. RESET low signal is guaranteed for VCC > 1 V. Figure 9. Filter time between NMI and RESET |