| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9777B bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9777B bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 25 page ![]() Functional description L9777 14/25 DocID13496 Rev 4 3.4 RESET adjustable threshold The under voltage threshold value (VCCUN) can be set between 0.7VCC (typ.) and 0.96VCC (typ) by connecting external resistor divider to RADJ pin (see Figure 11). This feature can be used with microprocessors that guarantee a safe operation with supply voltage lower than internal reset threshold. The calculation of this threshold is given by: VCCUN_ext = VRADJTH (1+R1/R2) (neglecting RADJ input current) where: VRADJTH=1.2V (typ) and VCCUN_ext is the reset threshold. If this features is not needed, RADJ pin has to be connected to GND, in this case the internal under voltage threshold value is 0.94 * VCC (typ.). Figure 11. Resistor divider to adjust the under voltage threshold 3.5 Watchdog The watchdog input WD monitors a connected microcontroller. If pulses are missing, the output NMI is set to low. The minimum WD frequency to avoid reset event can be set with the external capacitor CD. The watchdog circuit charges and discharges the capacitor CD with the constant currents IWC and IWD, counting the number of oscillations as for TRD delay time. If no rising edge is sensed on pin WD between 48 oscillation periods (TWOP - TWOL, time A to B in Figure 12), a watchdog reset is generated. To prevent this reset the microcontroller must generate a positive edge during this time window in order to reset the counter. Minimum frequency of microprocessor input signal can be calculated using following equation: TWOP - TWOL = 48 * TOSC = 2.976*106*CD s Every WD positive edge resets the counter and makes a synchronization between internal oscillator and external WD input signal. Synchronization is realized changing the current from charging to discharging if rising edge is detected during rising ramp on CD (time D in Figure 12). Otherwise if rising edge is detected during falling ramp on CD, no current inversion is performed (time E). This operation leads to a maximum error of half oscillation period on TWOP - TWOL time window. When NMI goes low for watchdog reset, the counter will go on for other 16 counts, returning to initial state (time B to C in Figure 12). During this time (TWOL) the NMI remains low and WD edges are masked, so the TWOL reset time is fully guaranteed. The Watchdog operation is not active only if WD_EN input pin is set low. |