công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5441APGF bảng dữ liệu(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320VC5441APGF
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF bảng dữ liệu(HTML) 77 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 73Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 74Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 75Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 76Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 77Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 78Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 79Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 80Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
Electrical Specifications
77
December 1999 − Revised October 2008
SPRS122F
5.10 Host-Port Interface (HPI16) Timing
Table 5−13 and Table 5−14 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5−13 through Figure 5−19). In the following tables, DS refers to the logical OR of HCS, HDS1, and
HDS2, and HD refers to any of the HPI data bus pins (HD0, HD1, HD2, etc.).
Table 5−13. HPI16 Timing Requirements
MIN
MAX
UNIT
tsu(HBV-DSL)
Setup time, HAD valid before DS falling edge†‡
4
ns
th(DSL-HBV)
Hold time, HAD valid after DS falling edge†‡
4
ns
tsu(HBV-HSL)
Setup time, HAD valid before HAS falling edge†
4
ns
th(HSL-HBV)
Hold time, HAD valid after HAS falling edge†
4
ns
tsu(HAV-DSH)
Setup time, address valid before DS rising edge (nonmultiplexed write)‡
5
ns
tsu(HAV-DSL)
Setup time, address valid before DS falling edge (nonmultiplexed read)‡
−(4H + 5)
ns
th(DSH-HAV)
Hold time, address valid after DS rising edge (nonmultiplexed mode)‡
2
ns
tsu(HSL-DSL)
Setup time, HAS low before DS falling edge‡
4
ns
th(HSL-DSL)
Hold time, HAS low after DS falling edge‡
2
ns
tw(DSL)
Pulse duration, DS low‡
23
ns
tw(DSH)
Pulse duration, DS high‡
8
ns
Nonmultiplexed or multiplexed mode
(no increment) memory accesses (or
Reads
10H + 20
ns
(no increment) memory accesses (or
writes to the FETCH bit) with no DMA
activity.
Writes
10H + 10
ns
Cycle time, DS rising edge to next DS
‡
Nonmultiplexed or multiplexed mode
(no increment) memory accesses (or
Reads
16H + 20
ns
Cycle time, DS rising edge to next DS
rising edge‡
(no increment) memory accesses (or
writes to the FETCH bit) with 16-bit
DMA activity.
Writes
16H + 10
ns
Nonmultiplexed or multiplexed mode
(no increment) memory accesses (or
Reads
24H + 20
ns
t
(no increment) memory accesses (or
writes to the FETCH bit) with 32-bit
DMA activity.
Writes
24H + 10
ns
tc(DSH-DSH)
Cycle time, DS rising edge to next DS
rising edge‡
Multiplexed
(autoincrement)
memory
accesses (or writes to the FETCH bit) with no
DMA activity.
10H + 10
ns
Cycle time, DS rising edge to next DS
rising edge‡
(In autoincrement mode, WRITE
timings are the same as READ
Multiplexed
(autoincrement)
memory
accesses (or writes to the FETCH bit) with
16-bit DMA activity.
16H + 10
ns
timings are the same as READ
timings.)
Multiplexed
(autoincrement)
memory
accesses (or writes to the FETCH bit) with
32-bit DMA activity.
24H + 10
ns
Cycle time, DS rising edge to next DS rising edge for writes to DSPINT and x_HINT
8H
ns
Cycle time, DS rising edge to next DS rising edge for HPIC reads, HPIC XADD bit
writes, and address register reads and writes
40
ns
tsu(HDV-DSH)W
Setup time, HD valid before DS rising edge‡
4
ns
th(DSH-HDV)W
Hold time, HD valid after DS rising edge, write‡
2
ns
tsu(SELV-DSL)
Setup time, HPI_SEL1/SEL2 valid before DS falling edge‡
4
ns
th(DSH-SELV)
Hold time, HPI_SEL1/SEL2 valid after DS rising edge‡
1
ns
† HAD stands for HCNTL0, HCNTL1, and HR/W.
‡ DS refers to either HCS or HDS, whichever is controlling the transfer. Refer to the TMS320C54x DSP Reference Set, Volume 5: Enhanced
Peripherals (literature number SPRU302) for information regarding logical operation of the HPI16. These timings are shown assuming that HDS
is the signal controlling the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com