công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5441APGF bảng dữ liệu(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320VC5441APGF
Giải thích chi tiết về linh kiện  Fixed-Point Digital Signal Processor
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 44Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 45Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 46Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 47Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 48Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 49Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 50Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 51Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
Functional Overview
48
December 1999 − Revised October 2008
SPRS122F
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WDFLAG
WDEN
Reserved
PREMD
WDKEY
R/W+0
R/W+0
R/W+1
R/W+0
LEGEND: R = Read, W = Write, +0 = Value at reset
Figure 3−24. Watchdog Timer Second Control Register (WDTSCR)
Table 3−13. WDTSCR Bit Description
BIT
NO.
BIT
NAME
FUNCTION
15
WDFLAG
Watchdog flag bit. This bit can be cleared by enabling the watchdog timer, by device global reset, and by being
written with “1”.
It is set by a watchdog time-out.
0 =
No watchdog time-out occurred
1 =
Watchdog time-out occurred
14
WDEN
Watchdog timer enable bit.
0 =
Watchdog disable. Default value after device reset. Watchdog output pin is disconnected to the
watchdog time-out event, counter starts to run.
1 =
Watchdog enable. Once enabled, the watchdog output pin is connected to the watchdog time-out
event, and can be disabled by watchdog time-out or reset.
13
Reserved
Register bit is reserved. Read 0, write has no effect.
12
PREMD
Prescalar mode select bit.
0 =
Direct mode, TDDR is 4-bit reload prescalar.
1 =
Indirect mode, TDDR is used to select individual prescalar value (default value after local or global
hardware reset).
11−0
WDKEY
12-bit watchdog reset key, only the sequence of a 5C6h followed by an A7Eh services the watchdog.
The watchdog has to be serviced periodically with the sequence of 5C6h followed by A7Eh, written to WDKEY
before the watchdog timer times out. Both 5C6h and A7Eh are allowed to be written to WDKEY. Only the
sequence of 5C6h followed by A7Eh, to WDKEY services the watchdog. Any other writes to WDKEY will
trigger the watchdog time-out immediately, and consequently:
•
the watchdog output pin will generate an active-low pulse (6H ns, H=0.5 clock cycle)
•
the WDFLAG bit in WDTSCR will be set to 1
•
the internal maskable WD interrupt (WD_TINT) will be triggered
Read from WDTSCR register will not cause time-out.
When the watchdog is in time-out state, the watchdog is disabled and WDEN is cleared. The watchdog output
pin (x_WTOUT) is disconnected to the watchdog time-out event. Finally, the timer is reloaded and continues
to run.
Out of reset, the watchdog is disabled, and reads and writes to the watchdog registers are allowed. Once 5C6h
is written to WDKEY in the WDTSCR register from the initial state, the watchdog enters the preactive state.
The next write to the WDTSCR register should be completed with a “1” written to WDEN and A7Eh written
to WDKEY. This causes the watchdog timer to enter the active state. Once the watchdog is enabled, it cannot
be disabled by software. Any writes to the WDTSCR register from the active or service states that do not write
5C6h or A7Eh to WDKEY will result in an immediate watchdog time-out. Writing the sequence of 5C6h and
A7Eh to WDKEY causes the watchdog timer to transition between the active and service states. The transition
from the service state to the active state results in the timer register reload that is necessary to keep the
watchdog timer from timing out. Each time the watchdog is serviced by the sequence, the watchdog timer
counter and prescalar will automatically be reloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com