| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC5402 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5402 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 72 page ![]() TMS320VC5402 FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS079G − OCTOBER 1998 − REVISED OCTOBER 2008 4 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 description (continued) A18 A17 VSS A16 D5 D4 D3 D2 D1 D0 RS X2/CLKIN X1 HD3 CLKOUT VSS HPIENA CVDD NC TMS TCK TRST TDI TDO EMU1/OFF EMU0 TOUT0 HD2 NC CLKMD3 CLKMD2 CLKMD1 VSS DVDD NC NC NC NC VSS DVDD A10 HD7 A11 A12 A13 A14 A15 NC HAS VSS NC CVDD HCS HR/W READY PS DS IS R/W MSTRB IOSTRB MSC XF HOLDA IAQ HOLD BIO MP/MC DVDD VSS NC NC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 TMS320VC5402 PGE PACKAGE†‡ (TOP VIEW) † NC = No internal connection ‡ DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU. VSS is the ground for both the I/O pins and the core CPU. The TMS320VC5402PGE (144-pin LQFP) package is footprint-compatible with the ’LC548, ’LC/VC549, and ’VC5410 devices. |