công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5402 bảng dữ liệu(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320VC5402
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5402 bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 14Page - Texas Instruments TMS320VC5402 Datasheet HTML 15Page - Texas Instruments TMS320VC5402 Datasheet HTML 16Page - Texas Instruments TMS320VC5402 Datasheet HTML 17Page - Texas Instruments TMS320VC5402 Datasheet HTML 18Page - Texas Instruments TMS320VC5402 Datasheet HTML 19Page - Texas Instruments TMS320VC5402 Datasheet HTML 20Page - Texas Instruments TMS320VC5402 Datasheet HTML 21Page - Texas Instruments TMS320VC5402 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079G − OCTOBER 1998 − REVISED OCTOBER 2008
18
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
programmable bank-switching wait states
The programmable bank-switching logic of the 5402 is functionally equivalent to that of the 548/549 devices.
This feature automatically inserts one cycle when accesses cross memory-bank boundaries within program or
data memory space. A bank-switching wait state can also be automatically inserted when accesses cross the
data space boundary into program space.
The bank-switching control register (BSCR) defines the bank size for bank-switching wait states. Figure 6
shows the BSCR and its bits are described in Table 4.
BNKCMP
PS-DS
Reserved
HBH
12
11
3
2
1
15
R/W-0
R-0
R/W-1
R/W-1111
BH
EXIO
0
10
R/W-0
R/W-0
LEGEND: R = Read, W = Write
Figure 6. Bank-Switching Control Register (BSCR), MMR Address 0029h
Table 4. Bank-Switching Control Register (BSCR) Fields
BIT
RESET
VALUE
FUNCTION
NO.
NAME
RESET
VALUE
FUNCTION
15−12
BNKCMP
1111
Bank compare. Determines the external memory-bank size. BNKCMP is used to mask the four MSBs of
an address. For example, if BNKCMP = 1111b, the four MSBs (bits 12−15) are compared, resulting in a
bank size of 4K words. Bank sizes of 4K words to 64K words are allowed.
11
PS - DS
1
Program read − data read access. Inserts an extra cycle between consecutive accesses of program read
and data read or data read and program read.
PS-DS = 0
No extra cycles are inserted by this feature.
PS-DS = 1
One extra cycle is inserted between consecutive data and program reads.
10−3
Reserved
0
These bits are reserved and are unaffected by writes.
2
HBH
0
HPI Bus holder. Controls the HPI bus holder feature. HBH is cleared to 0 at reset
.
HBH = 0
The bus holder is disabled.
HBH = 1
The bus holder is enabled. When not driven, the HPI data bus (HD[7:0]) is held in the
previous logic level.
1
BH
0
Bus holder. Controls the data bus holder feature. BH is cleared to 0 at reset.
BH = 0
The bus holder is disabled.
BH = 1
The bus holder is enabled. When not driven, the data bus (D[15:0]) is held in the
previous logic level.
External bus interface off. The EXIO bit controls the external bus-off function.
EXIO = 0
The external bus interface functions as usual.
0
EXIO
0
EXIO = 0
The external bus interface functions as usual.
EXIO = 1
The address bus, data bus, and control signals become inactive after completing the
current bus cycle. Note that the DROM, MP/MC, and OVLY bits in the PMST and the HM
current bus cycle. Note that the DROM, MP/MC, and OVLY bits in the PMST and the HM
bit of ST1 cannot be modified when the interface is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com