| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLED524 bảng dữ liệu(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLED524 bảng dữ liệu(HTML) 57 Page - STMicroelectronics |
|
57 / 72 page ![]() 6.1.2 Example 2 - dimming settings Columns L and M are the brightest. Their dimming is set to 255. Columns J, K, N and O have dimming set to 240. Columns H, I, P and Q have dimming set to 225. Columns F, G, R and S have dimming set to 210. Columns D, E, T and U have dimming set to 195. Columns B, C, V and W have dimming set to 180. Slope and delay settings of all dots are 0. Figure 27. Example 2 W 0xDC 0xFF 0x04 0xDE 0x00 0x00 0xE0 0x00 0x00 0xE2 0x00 0x00 0xE4 0xFF 0x04 X 0xE6 0xFF 0x04 0xE8 0xFF 0x04 0xEA 0xFF 0x04 0xEC 0xFF 0x04 0xEE 0xFF 0x04 1. Slope and delay, please see Table 11. Table 55. Pattern data for example 1 (continued) Row 0 123 4 Col. Add Dimm. S&D(1) Add Dimm. S&D Add Dimm. S&D Add Dimm. S&D Add Dimm. S&D GIPG2103141149LM |