| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TNETV6421INZDU4 bảng dữ liệu(PDF) 44 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV6421INZDU4 bảng dữ liệu(HTML) 44 Page - Texas Instruments |
|
44 / 222 page ![]() TMS320C6421 Fixed-Point Digital Signal Processor SPRS346D – JANUARY 2007 – REVISED JUNE 2008 www.ti.com Table 2-20. Multichannel Audio Serial Port (McASP0) Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION ZWT ZDU NAME NO. NO. McASP0 AMUTEIN0/ IPD This pin is multiplexed between McASP0 and GPIO. F2 G3 I/O/Z GP[109] DVDD33 For McASP0, it is McASP0 mute input AMUTEIN0 (I). AMUTE0/ IPD This pin is multiplexed between McASP0 and GPIO. G3 H3 I/O/Z GP[110] DVDD33 For McASP0, it is McASP0 mute output AMUTE0 (O/Z). ACLKR0/CLKX0/ IPD This pin is multiplexed between McASP0, McBSP0, and GPIO. H1 J1 I/O/Z GP[99] DVDD33 For McASP0, it is McASP0 receive bit clock ACLKR0 (I/O/Z). This pin is multiplexed between McASP0, McBSP0, and GPIO. AHCLKR0/CLKR0/ IPD J2 K1 I/O/Z For McASP0, it is McASP0 receive high-frequency master clock GP[101] DVDD33 AHCLKR0 (I/O/Z). ACLKX0/ IPD This pin is multiplexed between McASP0 and GPIO. F1 G1 I/O/Z GP[106] DVDD33 For McASP0, it is McASP0 transmit bit clock ACLKX0 (I/O/Z). This pin is multiplexed between McASP0 and GPIO. AHCLKX0/ IPD G1 H1 I/O/Z For McASP0, it is McASP0 transmit high-frequency master clock GP[108] DVDD33 AHCLKX0 (I/O/Z). This pin is multiplexed between McASP0, McBSP0, and GPIO. AFSR0/DR0/ IPD H4 K3 I/O/Z For McASP0, it is McASP0 receive frame synchronization AFSR0 GP[100] DVDD33 (I/O/Z). This pin is multiplexed between McASP0 and GPIO. AFSX0/ IPD G2 G2 I/O/Z For McASP0, it is McASP0 transmit frame synchronization AFSX0 GP[107] DVDD33 (I/O/Z). This pin is multiplexed between McASP0, McBSP0, and GPIO. AXR0[3]/FSR0/ IPD G4 J3 I/O/Z For McASP0, it is McASP0 transmit/receive (TX/RX) data pin 3 GP[102] DVDD33 AXR0[3] (I/O/Z). This pin is multiplexed between McASP0, McBSP0, and GPIO. AXR0[2]/FSX0/ IPD H3 J2 I/O/Z For McASP0, it is McASP0 transmit/receive (TX/RX) data pin 2 GP[103] DVDD33 AXR0[2] (I/O/Z). This pin is multiplexed between McASP0, McBSP0, and GPIO. AXR0[1]/DX0/ IPD J3 K2 I/O/Z For McASP0, it is McASP0 transmit/receive (TX/RX) data pin 1 GP[104] DVDD33 AXR0[1] (I/O/Z). This pin is multiplexed between McASP0 and GPIO. AXR0[0]/ IPD H2 H2 I/O/Z For McASP0, it is McASP0 transmit/receive (TX/RX) data pin 0 GP[105] DVDD33 AXR0[0] (I/O/Z). (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal Device Overview 44 Submit Documentation Feedback |