| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STCF05TBR bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCF05TBR bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 33 page ![]() STCF05 Registers description Doc ID 15257 Rev 4 25/33 Figure 13. VOUTOK_N behavior Table 16. Status register details Bit name LED_S F_RUN (STAT_ REG) LED_O (STAT_ REG) NTC_W (STAT_ REG) NTC_H (STAT_ REG) OT_F (STAT_ REG) OC_F (STAT_ REG) VOUTOK_ N (STAT_ REG) Default value 00 0 0 0 0 0 0 Latched (1) YES NO YES YES YES YES NO YES Forces Ready mode when set NO NO YES NO YES YES NO YES Sets ATN LOW when set YES NO YES YES YES YES NO YES 1. YES means that the bit is set by internal signals and is reset to default by an I²C read operation of STAT_REG. NO means that the bit is set and reset by internal signals in real-time. |