| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HAL855 bảng dữ liệu(PDF) 82 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL855 bảng dữ liệu(HTML) 82 Page - Micronas |
|
82 / 102 page ![]() HAL8xy, HAL100x APPLICATION NOTE Programmer Board 82 Sept. 19, 2013; APN000046_03EN Micronas Step 6: The “Store” sequence is given in Fig. 6–9. The permanent storing of data into the EEPROM memory is a two-step process. First, all zero bits (ERASE), then all one bits (PROM) are written. Fig. 6–9: Store sequence BEGIN SET PROGRAMMING PULSE WIDTH STX u CHR$(100) ETX [Pulse Width 100 ms] END ERASE - PROM - READ STX c 5 1 3 0 4 0 3 0 6 1 0 0 ETX [acts on all EEPROM registers] SET DELAY OF ACKNOWLEDGE STX y CHR$(18) ETX |