| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HAL855 bảng dữ liệu(PDF) 46 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL855 bảng dữ liệu(HTML) 46 Page - Micronas |
|
46 / 102 page ![]() HAL8xy, HAL100x APPLICATION NOTE Programmer Board 46 Sept. 19, 2013; APN000046_03EN Micronas 5.3.5. Register Information (HAL805 / HAL815 / HAL817) Terminology: REGISTER: Name of the register or register value Register: Name of the parameter CLAMP LOW – The register range is from 0 up to 1023. – The register value is calculated by: CLAMP HIGH – The register range is from 0 up to 2047. – The register value is calculated by: VOQ – The register range is from 1024 up to 1023. – The register value is calculated by: SENSITIVITY – The register range is from 8192 up to 8191. – The register value is calculated by: TC and TCSQ – The TC register range is from 31 up to 31. – The TCSQ register range is from 0 up to 31. Please refer to the data sheet for the recommended values. CLAMP LOW Low Clamping Voltage V DD ------------------------------------------------------- 2048 = CLAMP HIGH High Clamping Voltage V DD ---------------------------------------------------------- 2048 = VOQ V OQ V DD ----------- 1024 = SENSITIVITY Sensitivity 2048 = |