| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE24M31QTR bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31QTR bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 85 page ![]() STMPE16M31, STMPE24M31 GPIO controller Doc ID 16174 Rev 4 33/85 9 GPIO controller A total of 16 GPIOs are available in the STMPE24M31/STMPE16M31. Most of the GPIOs are sharing physical pins with some alternate functions. The GPIO controller contains the registers that allow the host system to configure each of the pins into either a GPIO, or one of the alternate functions. Unused GPIOs should be configured as outputs to minimize the power consumption. Table 11. GPIO controller registers GPIO_DIR GPIO direction register Address: 0x10 – 0x11 Type: RW Reset: 0x00 Description: Direction setting of the GPIO. LSB (0x10) MSB (0x11) Address Register name Reset value R/W Description 0x10 GPDR 0X0000 R/W GPIO direction register 0x12 GPMR 0X0000 R/W GPOIO monitor pin state register 0x14 GPSR 0X0000 R/W GPIO set pin register 0x16 GPFR 0X0000 R/W GPIO alternate function register 76 543 210 IO-7 IO-6 IO-5 IO-4 IO-3 IO-2 IO-1 IO-0 RW RW RW RW RW RW RW RW 00 000 000 76 543 210 IO-15 IO-14 IO-13 IO-12 IO-11 IO-10 IO-9 IO-8 RW RW RW RW RW RW RW RW 00 000 000 [7:0] IO - X Write ‘1’ to a bit to set the corresponding I/O to output. Write ‘0’ to a bit to set the corresponding I/O to input. Obsolete Product(s) - Obsolete Product(s) |