| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE24M31QTR bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31QTR bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 85 page ![]() Register map and function description STMPE16M31, STMPE24M31 20/85 Doc ID 16174 Rev 4 0x53 PWM_4_TRIG 0x00 RW PWM4 trigger 0x54 PWM_5_SET 0x00 RW PWM5 setup 0x55 PWM_5_CTRL 0x00 RW PWM5 control 0x56 PWM_5_RAMP_RATE 0x00 RW PWM5 ramp rate 0x57 PWM_5_TRIG 0x00 RW PWM5 trigger 0x58 PWM_6_SET 0x00 RW PWM6 setup 0x59 PWM_6_CTRL 0x00 RW PWM6 control 0x5A PWM_6_RAMP_RATE 0x00 RW PWM6 ramp rate 0x5B PWM_6_TRIG 0x00 RW PWM6 trigger 0x5C PWM_7_SET 0x00 RW PWM7 setup 0x5D PWM_7_CTRL 0x00 RW PWM7 control 0x5E PWM_7_RAMP_RATE 0x00 RW PWM7 ramp rate 0x5F PWM_7_TRIG 0x00 RW PWM7 trigger 0x70 CAP_SEN_CTRL 0x00 RW Capacitive sensor control 0x71 RATIO_ENG_REPT_C TRL 0x00 RW Ratio engine report control (only available in final silicon) 0x72 CH_SEL 0x00000000 RW Selects active capacitive channels 0x76 CAL_INT 0x00 RW 10ms – 64S calibration interval 0x77 CAL_MOD 0x00 RW Selects calibration model 0x78 MAF_SET 0x00 RW Control of median averaging filter 0x7C DATA_TYPE 0x00 RW Selects type of data available in channel data ports. 0x01: TVR 0x02: EVR 0x03: Channel delay 0x04: Impedance (13-bit) 0x05:Calibrated Impedance (13- bit) 0x06:Locked impedance (13-bit) 0x80 RATIO_ENG_SET 0x00 RW General setup of ratio engine 0x81 RATIO_ENG_1_CFG 0x00 RW Configuration of ratio engine 1 0x82 RATIO_ENG_2_CFG 0x00 RW Configuration of ratio engine 2 0x83 RATIO_ENG_STA 0x00 R Status of ratio engine 0x84 RATIO_ENG_1_DATA 0x000000 R Output data of ratio engine 1 0x87 RATIO_ENG_2_DATA 0x000000 R Output data of ratio engine 2 0x90 KEY_FILT_CTRL 0x00 General key filter control Table 8. Register map (continued) Address Register name Reset value I2C Register function Obsolete Product(s) - Obsolete Product(s) |