| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE24M31QTR bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31QTR bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 85 page ![]() System controller STMPE16M31, STMPE24M31 30/85 Doc ID 16174 Rev 4 GPIO_INT_EN Interrupt enable GPIO register Address: 0x0C – 0x0D Type: R/W Reset: 0x0000 Description: This register is used to enable the generation of interrupt signal, at the INT pin. LSB (0x0C) MSB (0x0D) PWM_INT_STA Interrupt status PWM register Address: 0x0E Type: R/W Reset: 0x00 Description: When a PWM controller completes the PWM sequence, the corresponding bit in this register goes to ‘1’. Write ‘1’ in this register clears the written bit, writing ‘0’ has no effect. 76 543 210 IO-7 IO-6 IO-5 IO-4 IO-3 IO-2 IO-1 IO-0 RW RW RW RW RW RW RW RW 00 000 000 76 543 210 IO-15 IO-14 IO-13 IO-12 IO-11 IO-10 IO-9 IO-8 RW RW RW RW RW RW RW RW 00 000 000 [7:0] IO - X Interrupt status of GPIO - X Read ‘1’ if state transition is detected in corresponding GPIO channel Write’1’ to clear the interrupt status. 76 543 210 PWM-7 PWM-6 PWM-5 PWM-4 PWM-3 PWM-2 PWM-1 PWM-0 RW RW RW RW RW RW RW RW 00 000 000 [7:0] PWM - X Interrupt status of PWM – X. Read ‘1’ if the corresponding PWM channel complete programmed sequence Write ‘1’ to clear the interrupt status Obsolete Product(s) - Obsolete Product(s) |