| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NSC800N bảng dữ liệu(PDF) 39 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSC800N bảng dữ liệu(HTML) 39 Page - National Semiconductor (TI) |
|
39 / 76 page ![]() 126 8-Bit Arithmetic (Continued) 76543210 11001110 n Timing M cycles2 T states7 (4 3) Addressing Mode SourceImmediate DestinationImplied SUB n Subtract the immediate data n from the Accumulator A w A b n S Set if result is negative Z Set if result is zero H Set if borrow from bit 4 PV Set if result exceeds 8-bit 2’s complement range N Set C Set according to borrow condition 76543210 11010110 n Timing M cycles2 T states7 (4 3) Addressing Mode SourceImmediate DestinationImplied SBC A n Subtract with carry the immediate data n from the Accumu- lator A w A b n b CY S Set if result is negative Z Set if result is zero H Set if borrow from bit 4 PV Set if result exceeds 8-bit 2’s complement range N Set C Set according to borrow condition 76543210 11011110 n Timing M cycles2 T states7 (4 3) Addressing Mode SourceImmediate DestinationImplied AND n The immediate data n is logically AND’ed to the Accumula- tor A w A n S Set if result is negative Z Set if result is zero H Set PV Set if result parity is even N Reset C Reset 76543210 11100110 n Timing M cycles2 T states7 (4 3) Addressing Mode SourceImmediate DestinationImplied OR n The immediate data n is logically OR’ed to the contents of the Accumulator A w A s S Set if result is negative Z Set if result is zero H Reset PV Set if result parity is even N Reset C Reset 76543210 11110110 n Timing M cycles2 T states7 (4 3) Addressing Mode SourceImmediate DestinationImplied XOR n The immediate data n is exclusively OR’ed with the Accu- mulator A w A Z n S Set if result is negative Z Set if result is zero H Reset PV Set if result parity is even N Reset C Reset 39 |