| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NSC800N bảng dữ liệu(PDF) 34 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSC800N bảng dữ liệu(HTML) 34 Page - National Semiconductor (TI) |
|
34 / 76 page ![]() 125 16-Bit Loads REGISTER TO REGISTER LD rr nn Load 16-bit register pair with immediate data rr w nn No flags affected 76543210 LD BC nn LD DE nn 00 rp 0001 LD HL nn LD SP nn n (low-order byte) n (high-order byte) Timing M cycles3 T states10 (4 3 3) Addressing Mode SourceImmediate Extended DestinationRegister 76 5 43210 LD IX nn (for NX e 0) 11NX 11101 LD IY nn (for NX e 1) 00 1 00001 n (low-order byte) n (high-order byte) Timing M cycles4 T states14 (4 4 3 3) Addressing Mode SourceImmediate Extended DestinationRegister LD SP ss Load the SP from 16-bit register ss SP w ss No flags affected 76543210 11111001 LD SP HL Timing M cycles1 T states6 Addressing Mode SourceRegister DestinationRegister (Implied) 76 5 43210 LD SP IX (for NX e 0) 11NX 11101 LD SP IY (for NX e 1) 11 1 11001 Timing M cycles2 T states10 (4 6) Addressing Mode SourceRegister DestinationRegister (Implied) REGISTER TO MEMORY LD (nn) rr Load memory location nn with contents of 16-bit register rr (nn) w rrL No flags affected (nn a 1) w rrH 76543210 LD (nn) HL (note an alternate 00100010 opcode below) n (low-order byte) n (high-order byte) Timing M cycles5 T states16 (4 3 3 3 3) Addressing Mode SourceRegister DestinationDirect 76543210 LD (nn) BC LD (nn) DE 11101101 LD (nn) HL LD (nn) SP 01 rp 0011 n (low-order byte) n (high-order byte) Timing M cycles6 T states20 (4 4 3 3 3 3) Addressing Mode SourceRegister DestinationDirect 76 5 43210 LD (nn) IX (for NX e 0) 11NX 11101 LD (nn) IY (for NX e 1) 00 1 00010 n (low-order byte) n (high-order byte) Timing M cycles6 T states20 (4 4 3 3 3 3) Addressing Mode SourceRegister DestinationDirect 34 |