| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L476VE bảng dữ liệu(PDF) 208 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L476VE bảng dữ liệu(HTML) 208 Page - STMicroelectronics |
|
208 / 232 page ![]() Package information STM32L476xx 208/232 DocID025976 Rev 4 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 7.1 LQFP144 package information Figure 49. LQFP144 - 144-pin, 20 x 20 mm low-profile quad flat package outline 1. Drawing is not to scale. |