công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F303XB bảng dữ liệu(PDF) 92 Page - STMicroelectronics

tên linh kiện STM32F303XB
Giải thích chi tiết về linh kiện  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB bảng dữ liệu(HTML) 92 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 88Page - STMicroelectronics STM32F303XB Datasheet HTML 89Page - STMicroelectronics STM32F303XB Datasheet HTML 90Page - STMicroelectronics STM32F303XB Datasheet HTML 91Page - STMicroelectronics STM32F303XB Datasheet HTML 92Page - STMicroelectronics STM32F303XB Datasheet HTML 93Page - STMicroelectronics STM32F303XB Datasheet HTML 94Page - STMicroelectronics STM32F303XB Datasheet HTML 95Page - STMicroelectronics STM32F303XB Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
92/148
DocID023353 Rev 13
Figure 24. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 57. Otherwise the reset will not be taken into account by the device.
6.3.16
Timer characteristics
The parameters given in Table 58 are guaranteed by design.
Refer to Section 6.3.14: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
Table 58. TIMx(1)(2) characteristics
1. TIMx is used as a general term to refer to the TIM1, TIM2, TIM3, TIM4, TIM8, TIM15, TIM16 and TIM17
timers.
2. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
-1
-
tTIMxCLK
fTIMxCLK = 72 MHz
13.9
-
ns
fTIMxCLK = 144 MHz
x=1.8
6.95
-
ns
fEXT
Timer external clock
frequency on CH1 to CH4
-0
fTIMxCLK/2
MHz
fTIMxCLK = 72 MHz
0
36
MHz
ResTIM
Timer resolution
TIMx (except TIM2)
-
16
bit
TIM2
-
32
tCOUNTER 16-bit counter clock period
-
1
65536
tTIMxCLK
fTIMxCLK = 72 MHz
0.0139
910
µs
fTIMxCLK = 144 MHz
x=1.8
0.0069
455
µs
tMAX_COUNT
Maximum possible count
with 32-bit counter
-
-
65536 × 65536 tTIMxCLK
fTIMxCLK = 72 MHz
-
59.65
s
fTIMxCLK = 144 MHz
x=1.8
-
29.825
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com