công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F303XB bảng dữ liệu(PDF) 90 Page - STMicroelectronics

tên linh kiện STM32F303XB
Giải thích chi tiết về linh kiện  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB bảng dữ liệu(HTML) 90 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 86Page - STMicroelectronics STM32F303XB Datasheet HTML 87Page - STMicroelectronics STM32F303XB Datasheet HTML 88Page - STMicroelectronics STM32F303XB Datasheet HTML 89Page - STMicroelectronics STM32F303XB Datasheet HTML 90Page - STMicroelectronics STM32F303XB Datasheet HTML 91Page - STMicroelectronics STM32F303XB Datasheet HTML 92Page - STMicroelectronics STM32F303XB Datasheet HTML 93Page - STMicroelectronics STM32F303XB Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
90/148
DocID023353 Rev 13
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 23 and
Table 56, respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
ambient temperature and VDD supply voltage conditions summarized in Table 24.
Table 56. I/O AC characteristics(1)
OSPEEDRy [1:0]
value(1)
Symbol
Parameter
Conditions
Min
Max
Unit
x0
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 2 V to 3.6 V
-2(3)
MHz
tf(IO)out
Output high to low level
fall time
CL = 50 pF, VDD = 2 V to 3.6 V
-
125(3)
ns
tr(IO)out
Output low to high level
rise time
-
125(3)
01
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 2 V to 3.6 V
-10(3)
MHz
tf(IO)out
Output high to low level
fall time
CL = 50 pF, VDD = 2 V to 3.6 V
-25(3)
ns
tr(IO)out
Output low to high level
rise time
-25(3)
11
fmax(IO)out Maximum frequency(2)
CL = 30 pF, VDD = 2.7 V to 3.6 V
-50(3)
MHz
CL = 50 pF, VDD = 2.7 V to 3.6 V
-30(3)
MHz
CL = 50 pF, VDD = 2 V to 2.7 V
-20(3)
MHz
tf(IO)out
Output high to low level
fall time
CL = 30 pF, VDD = 2.7 V to 3.6 V
-5(3)
ns
CL = 50 pF, VDD = 2.7 V to 3.6 V
-8(3)
CL = 50 pF, VDD = 2 V to 2.7 V
-12(3)
tr(IO)out
Output low to high level
rise time
CL = 30 pF, VDD = 2.7 V to 3.6 V
-5(3)
CL = 50 pF, VDD = 2.7 V to 3.6 V
-8(3)
CL = 50 pF, VDD = 2 V to 2.7 V
-12(3)
FM+
configuration(4)
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD = 2 V to 3.6 V
-2(4)
MHz
tf(IO)out
Output high to low level
fall time
-12(4)
ns
tr(IO)out
Output low to high level
rise time
-34(4)
-tEXTIpw
Pulse width of external
signals detected by the
EXTI controller
-
10(3)
-ns
1. The I/O speed is configured using the OSPEEDRx[1:0] bits. Refer to the RM0316 reference manual for a description of
GPIO Port configuration register.
2. The maximum frequency is defined in Figure 23.
3. Guaranteed by design.
4. The I/O speed configuration is bypassed in FM+ I/O mode. Refer to the STM32F303x STM32F313xx reference manual
RM0316 for a description of FM+ I/O mode configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com