công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F303XB bảng dữ liệu(PDF) 62 Page - STMicroelectronics

tên linh kiện STM32F303XB
Giải thích chi tiết về linh kiện  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB bảng dữ liệu(HTML) 62 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 58Page - STMicroelectronics STM32F303XB Datasheet HTML 59Page - STMicroelectronics STM32F303XB Datasheet HTML 60Page - STMicroelectronics STM32F303XB Datasheet HTML 61Page - STMicroelectronics STM32F303XB Datasheet HTML 62Page - STMicroelectronics STM32F303XB Datasheet HTML 63Page - STMicroelectronics STM32F303XB Datasheet HTML 64Page - STMicroelectronics STM32F303XB Datasheet HTML 65Page - STMicroelectronics STM32F303XB Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
62/148
DocID023353 Rev 13
6.3.4
Embedded reference voltage
The parameters given in Table 28 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 24.
6.3.5
Supply current characteristics
The current consumption is a function of several parameters and factors such as the
operating voltage, ambient temperature, I/O pin loading, device software configuration,
operating frequencies, I/O pin switching rate, program location in memory and executed
binary code.
The current consumption is measured as described in Figure 12: Current consumption
measurement scheme.
All Run-mode current consumption measurements given in this section are performed with a
reduced code that gives a consumption equivalent to CoreMark code.
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in input mode with a static value at VDD or VSS (no load)
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted to the fHCLK frequency (0 wait state from 0
to 24 MHz,1 wait state from 24 to 48 MHz and 2 wait states from 48 to 72 MHz)
•
Prefetch in ON (reminder: this bit must be set before clock setting and bus prescaling)
•
When the peripherals are enabled fPCLK2 = fHCLK and fPCLK1 = fHCLK/2
•
When fHCLK > 8 MHz, the PLL is ON and the PLL input is equal to HSI/2 (4 MHz) or
HSE (8 MHz) in bypass mode.
Table 28. Embedded internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltage
–40 °C < TA < +105 °C 1.2
1.23
1.25
V
–40 °C < TA < +85 °C
1.2
1.23 1.24(1)
1. Guaranteed by characterization results.
V
TS_vrefint
ADC sampling time when
reading the internal
reference voltage
-2.2
-
-
µs
VRERINT
Internal reference voltage
spread over the
temperature range
VDD = 3 V ±10 mV
-
-
10(2)
2. Guaranteed by design.
mV
TCoeff
Temperature coefficient
-
-
-
100(2) ppm/°C
Table 29. Internal reference voltage calibration values
Calibration value name
Description
Memory address
VREFINT_CAL
Raw data acquired at
temperature of 30 °C
VDDA= 3.3 V
0x1FFF F7BA - 0x1FFF F7BB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com