| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DS0 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DS0 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 59 page ![]() Register description LSM6DS0 36/59 DocID025604 Rev 3 Table 26. INT_GEN_CFG_XL register description 7.4 INT_GEN_THS_X_XL (07h) Linear acceleration sensor interrupt threshold register. Table 28. INT_GEN_THS_X_XL register description AOI_XL AND/OR combination of accelerometer’s interrupt events. Default value: 0 (0: OR combination; 1: AND combination) 6D 6-direction detection function for interrupt. Default value: 0 (0: disabled; 1: enabled) ZHIE_XL Enable interrupt generation on accelerometer’s Z-axis high event. Default value: 0 (0: disable interrupt request; 1: interrupt request on measured acceleration value higher than preset threshold) ZLIE_XL Enable interrupt generation on accelerometer’s Z-axis low event. Default value: 0 (0: disable interrupt request; 1: interrupt request on measured acceleration value lower than preset threshold) YHIE_XL Enable interrupt generation on accelerometer’s Y-axis high event. Default value: 0 (0: disable interrupt request; 1: interrupt request on measured acceleration value higher than preset threshold) YLIE_XL Enable interrupt generation on accelerometer’s Y-axis low event. Default value: 0 (0: disable interrupt request; 1: interrupt request on measured acceleration value lower than preset threshold) XHIE_XL Enable interrupt generation on accelerometer’s X-axis high event. Default value: 0 (0: disable interrupt request; 1: interrupt request on measured acceleration value higher than preset threshold) XLIE_XL Enable interrupt generation on accelerometer’s X-axis low event. Default value: 0 (0: disable interrupt request; 1: interrupt request on measured acceleration value lower than preset threshold) Table 27. INT_GEN_THS_X_XL register THS_XL_X7 THS_XL_X6 THS_XL_X5 THS_XL_X4 THS_XL_X3 THS_XL_X2 THS_XL_X1 THS_XL_X0 THS_XL_X [7:0] X-axis interrupt threshold. Default value: 0000 0000 |