công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9779WD-SPI bảng dữ liệu(PDF) 88 Page - STMicroelectronics

tên linh kiện L9779WD-SPI
Giải thích chi tiết về linh kiện  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI bảng dữ liệu(HTML) 88 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 84Page - STMicroelectronics L9779WD-SPI Datasheet HTML 85Page - STMicroelectronics L9779WD-SPI Datasheet HTML 86Page - STMicroelectronics L9779WD-SPI Datasheet HTML 87Page - STMicroelectronics L9779WD-SPI Datasheet HTML 88Page - STMicroelectronics L9779WD-SPI Datasheet HTML 89Page - STMicroelectronics L9779WD-SPI Datasheet HTML 90Page - STMicroelectronics L9779WD-SPI Datasheet HTML 91Page - STMicroelectronics L9779WD-SPI Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 141 page
background image
Functional description
L9779WD-SPI
88/141
DocID027721 Rev 2
6.14
Flying wheel interface function
Figure 59. Flying wheel interface circuit
6.14.1
Flying wheel interface functionality description
The flying wheel interface is an interface between the microprocessor and the flying wheel
sensor: it handles signals coming from magnetic pick-up sensor or Hall Effect sensor and
feeds the digital signal to Microcontroller that extracts flying wheel rotational position,
angular speed and acceleration.
This circuit implements an auto adaptative hysteresis and filter time algorithm that can be
configured via SPI using VRS_mode bit.
If the auto adaptive hysteresis is OFF the hysteresis value can be selected using VRS_Hyst
bit.
If fault is present (OL / SC GND / SC VB) the functionality is not guaranteed.
6.14.2
Auto-adaptive sensor filter
Two main VRS configuration sets are available for VRS, by mans of CONFIG_REG1
register: fully adaptive VRS mode (default) and limited adaptive VRS mode.
Auto-adaptative hysteresis (fully adaptive mode)
When enabled the auto adaptative hysteresis works as described below.
Input signals difference is obtained through a full differential amplifier; its output, DV signal,
is fed to peak detection circuit and then to A/D converter implemented with 4 voltage
comparators (5 levels) (Pvi).
Output of A/D is sent to Logic block (Table 43: Hysteresis threshold precision) that
implements correlation function between Peak voltage and hysteresis value; hysteresis
value is used by square filtering circuit which conditions DV signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com