công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9779WD-SPI bảng dữ liệu(PDF) 52 Page - STMicroelectronics

tên linh kiện L9779WD-SPI
Giải thích chi tiết về linh kiện  Smart reset function
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD-SPI bảng dữ liệu(HTML) 52 Page - STMicroelectronics

Back Button L9779WD-SPI Datasheet HTML 48Page - STMicroelectronics L9779WD-SPI Datasheet HTML 49Page - STMicroelectronics L9779WD-SPI Datasheet HTML 50Page - STMicroelectronics L9779WD-SPI Datasheet HTML 51Page - STMicroelectronics L9779WD-SPI Datasheet HTML 52Page - STMicroelectronics L9779WD-SPI Datasheet HTML 53Page - STMicroelectronics L9779WD-SPI Datasheet HTML 54Page - STMicroelectronics L9779WD-SPI Datasheet HTML 55Page - STMicroelectronics L9779WD-SPI Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 141 page
background image
Functional description
L9779WD-SPI
52/141
DocID027721 Rev 2
For OUT 5 only the following parameters are different respect to OUT1 to 4.
OUT5
PWclampRP
Clamp repetitive pulses
Freq = 30 Hz
Tc < 135°C; I_OUT5 < 0.7 A
4.55 Mio cycles
--
12
mJ
Tc < 140°C; I_OUT5 < 0.7 A
3.5 Mio cycles
--
12
Tc < 145°C; I_OUT5 < 0.7 A
3.5 Mio cycles
--
12
Table 18. LSa electrical characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Table 19. LSa diagnosis electrical characteristics
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUT
1 to 5
Ropen load
Min resistor value open
load detection
Not tested
500
-
-
k
Imax
Output current
Not tested
-
2.2
-
A
IOVC
Over current threshold -
3
-
6
A
TFILTEROVC
Over current filtering
time
Tested by scan
2
3
4
µs
TFILTERdiaggoff
Filtering open load and
short to gnd diag. off
Tested by scan
35
50
65
µs
Td_mask
Diagnosis Mask time
after switch-off
Tested by scan
300
-
500
µs
VHVT
Open load threshold
voltage
-
VOutopen
+120mV
-3
V
VOutopen
Open load output
voltage
Open load
condition
2.3
-
2.7
V
VLVT
Output short-circuit to
GND voltage range
threshold
-1.9
-
VOutopen
-200mV
V
IOUT_PD
Output diagnostic pull
down current Off state
Vpin = 5 V
50
-
110
µA
OUT
1 to 5
IOUT_PU
Output diagnostic pull
up current Off state
Vpin = 1.5 V
110
160
210
µA
Itopen
Open load threshold
current
-30
-
90
µA
Table 20. LSa diagnosis electrical characteristics (OUT 5)
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
OUT 5
Imax
Output current
Not tested
-
3
-
A
IOVC
Over current threshold
-
3.7
-
6.9
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com