| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD1828Z bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1828Z bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 43 page ![]() i TABLE OF CONTENTS 1 GENERAL DESCRIPTION................................................................................................................. 1 2 FEATURES ........................................................................................................................................ 2 96x64 Graphic Display with a Icon Line .............................................................................................. 2 Programmable Multiplex ratio [16Mux - 65Mux] ................................................................................. 2 Single Supply Operation, 1.8 V - 3.3V .................................................................................................. 2 Low Current Sleep Mode (<1.0uA) ....................................................................................................... 2 On-Chip Voltage Generator / External Power Supply ........................................................................ 2 Software selectable 2X / 3X / 4X / 5X On-Chip DC-DC Converter ..................................................... 2 On-Chip Oscillator ................................................................................................................................. 2 Software Selectable On-Chip Bias Dividers, with No External Capacitors required ...................... 2 Hardware pin selectable for 8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel Interface, 3-wire Serial Peripheral Interface or 4-wire Serial Peripheral Interface .......................... 2 Programmable 1/4, 1/5, 1/6, 1/7, 1/8, 1/9 bias ratio ............................................................................. 2 Maximum +12.0V LCD Driving Output Voltage ................................................................................... 2 On-Chip 96 x 65 Graphic Display Data RAM ....................................................................................... 2 Re-mapping of Row and Column Drivers............................................................................................2 Vertical Scrolling.................................................................................................................................... 2 Display Offset Control ........................................................................................................................... 2 64 Levels Internal Contrast Control ..................................................................................................... 2 External Contrast Control ..................................................................................................................... 2 Maximum 17MHz SPI or 15MHz PPI operation.................................................................................... 2 Selectable LCD Driving Voltage Temperature Coefficients (4 settings) .......................................... 2 3 ORDERING INFORMATION.............................................................................................................. 2 4 BLOCK DIAGRAM............................................................................................................................. 3 5 DIE ARRANGEMENT ........................................................................................................................ 4 |
Số phần tương tự - SSD1828Z |
|
Mô tả tương tự - SSD1828Z |