| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD1828Z bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1828Z bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 43 page ![]() SOLOMON SYSTECH LIMITED SOLOMON SYSTECH LIMITED SOLOMON SYSTECH LIMITED SOLOMON SYSTECH LIMITED SEMICONDUCTOR TECHNICAL DATA This document contains information on a new product. Specification and information herein are subject to change without notice. Copyright 2002 SOLOMON Systech Limited Rev 1.10 07/2002 SSD1828 Advanced Information LCD Segment / Common Driver with Controller CMOS 1 General Description SSD1828 is a single-chip CMOS LCD driver with controller for liquid crystal dot-matrix graphic display system. SSD1828 consists of 162 high voltage driving output pins for driving 96 Segments, 64 Commons and 1 icon driving with dual Common outputs. SSD1828 displays data directly from its internal 96x65 bits Graphic Display Data RAM (GDDRAM). Data/Commands are sent from general MCU through hardware selectable 6800-/8080-series compatible Parallel Interface or 3/4 wires Serial Peripheral Interface. SSD1828 embeds a DC-DC Converter, a LCD Voltage Regulator, an On-Chip Bias Divider and an On-Chip Oscillator which reduce the number of external components. With the special design on minimizing power consumption and die layout, SSD1828 is suitable for any portable battery-driven applications requiring a long op- eration period and a compact size. |