| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WTS701EM/T bảng dữ liệu(PDF) 36 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
WTS701EM/T bảng dữ liệu(HTML) 36 Page - Winbond |
|
36 / 77 page ![]() WTS701 - 36 - ABBR_MEM RETURN ABBREVIATION MEMORY The ABBR_MEM command will return the number of bytes available in the abbreviation table in MEM_HI and MEM_LOW. ABBR_MEM Class 3 Type IV Host controller 0xC7 0x00 0x00 0x00 Byte Sequence: WTS701 Status Byte 0 Status Byte 1 MEM_HI MEM_LOW Description: Return the number of bytes available in the abbreviation table. ABBR_NUM RETURN NUMBER OF ABBREVIATION ENTRIES The ABBR_NUM command will return the number of abbreviation entries in the abbreviation table in NUM_HI and NUM_LOW. ABBR_NUM Class 3 Type IV Host controller 0xC8 0x00 0x00 0x00 Byte Sequence: WTS701 Status Byte 0 Status Byte 1 NUM_HI NUM_LOW Description: Return the number of abbreviation entries in the abbreviation table. ABBR_RD READ ABBREVIATION TABLE The ABBR_RD command will return the abbreviation table. This command must read 2048 bytes after receiving the Status register. ABBR_RD Class 3 Type IV Host controller 0xC9 0x00 0x00 ….. 0x00 Byte Sequence: WTS701 Status Byte 0 Status Byte 1 ABBR0 ….. ABRRn Description: Return the 2048 bytes of abbreviations. |