| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WTS701EM/T bảng dữ liệu(PDF) 32 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
WTS701EM/T bảng dữ liệu(HTML) 32 Page - Winbond |
|
32 / 77 page ![]() WTS701 - 32 - SCOD SET COD REGISTER Set the COD (CODEC control) configuration register to value 0xNN. The Default value of this register after Power-Up or Reset is 0x01. Refer to subsection 7.4.3 - Configuration Registers, which describes all register bits. SCOD Class 1 Type I Host controller 0x4F 0xNN Byte Sequence: WTS701 Status Byte 0 Status Byte 1 Description: Set the COD (CODEC control) configuration register to value 0xNN. SAUD SET AUD REGISTER Set the AUD (analog audio) configuration register to value 0xNN. The Default value of this register after Power-Up or Reset is 0x43. Refer to subsection 7.4.3 - Configuration Registers, which describes all register bits. SAUD Class 1 Type I Host controller 0x50 0xNN Byte Sequence: WTS701 Status Byte 0 Status Byte 1 Description: Set the AUD (analog audio) configuration register to value 0xNN. SVOL SET VOL REGISTER Set the VOL (volume) configuration register to value 0xNN. The Default value of this register after Power-Up or Reset is 0x07. Refer to subsection 7.4.3 - Configuration Registers, which describes all register bits. SVOL Class 1 Type I Host controller 0x51 0xNN Byte Sequence: WTS701 Status Byte 0 Status Byte 1 Description: Set the VOL (volume) configuration register to value 0xNN. |