công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WTS701EM/T bảng dữ liệu(PDF) 33 Page - Winbond

tên linh kiện WTS701EM/T
Giải thích chi tiết về linh kiện  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T bảng dữ liệu(HTML) 33 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 29Page - Winbond WTS701EM/T Datasheet HTML 30Page - Winbond WTS701EM/T Datasheet HTML 31Page - Winbond WTS701EM/T Datasheet HTML 32Page - Winbond WTS701EM/T Datasheet HTML 33Page - Winbond WTS701EM/T Datasheet HTML 34Page - Winbond WTS701EM/T Datasheet HTML 35Page - Winbond WTS701EM/T Datasheet HTML 36Page - Winbond WTS701EM/T Datasheet HTML 37Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 33 -
Revision 3.09
SSPD
SET SPD REGISTER
Set the SPD (speech rate/speed) configuration register to value 0xNN.
The Default value of this register after Power-Up or Reset is 0x02. Refer to subsection 7.4.3 -
Configuration Registers, which describe all register bits.
SSPD
Class
1
Type
I
Host controller
0x52
0xNN
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Set the SPD (speech rate/speed) configuration register to
value 0xNN.
SCLC
SET CLC REGISTER
Set the Clock configuration register (CLC) to value 0xNN.
The value of this register must be set before Power-Up or Reset command to 0x00. Refer to
subsection 7.4.3 - Configuration Registers, which describes all register bits.
SCLC
Class
0
Type
I
Host controller
0x14
0xNN
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Set the Clock configuration register (CLC) to value 0xNN.
SPTC
SET SPEECH PITCH
Set the speech pitch to value 0xNN. The valid pitch values are between 0x00 and 0x06 while the
default pitch value is 0x05, and these values can be used to control the speech output pitch. The
command can be executed only when the WTS701 is in IDLE state.
SPTC
Class
1
Type
I
Host controller
0x77
0xNN
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Set the speech pitch parameter to value 0xNN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com