công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SX8656ICSTRT bảng dữ liệu(PDF) 21 Page - Semtech Corporation

tên linh kiện SX8656ICSTRT
Giải thích chi tiết về linh kiện  Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8656ICSTRT bảng dữ liệu(HTML) 21 Page - Semtech Corporation

Back Button SX8656ICSTRT Datasheet HTML 17Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 18Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 19Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 20Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 21Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 22Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 23Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 24Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
21
www.semtech.com
SX8654/SX8655/SX8656
Haptics Enabled 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
Figure 23 – Pen Trigger Mode (RegIrqMsk[3:2] = 10 ; PROXSCANPERIOD = 0)
Please note that to prevent data loss, the next pen detection and conversion are not performed as long as all
current channel data (i.e. channels selected in RegChanMsk) have not been read. If the host is too slow and
doesn’t read all channel data before next TOUCHRATE tick, no operation is performed and this TOUCHRATE
tick is simply ignored until next one.
4.6.5
Maximum Throughput vs. TOUCHRATE setting
In PENTRG mode the TOUCHRATE parameter is used to define the required coordinate’s throughput/rate.
However, as previously mentioned, in order for a new conversion to be performed the current conversion must
be completed and all relevant channel data must have been read by the host. If this condition is not met when
the next TOUCHRATE tick occurs, the tick is ignored and the condition checked again at the next one. This will
result in reduced actual rate vs what has been programmed in the TOUCHRATE parameter.
This is illustrated in figures below.
Figure 24 – Correct TOUCHRATE setting
Idle
Touch Conversion
Pen Detection
NIRQ
Pen Touch
Pen Release
I2C Read Channel
PENSTAT
CONVSTAT
TOUCHRATE
tick
Idle
Touch Conversion
Pen Detection
NIRQ
TOUCHRATE
tick
I2C Read Channel
Tconv
Tcom
Trate
=
Tconv+Tcom < Trate
=> Actual rate = TOUCHRATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com