công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SX8656ICSTRT bảng dữ liệu(PDF) 39 Page - Semtech Corporation

tên linh kiện SX8656ICSTRT
Giải thích chi tiết về linh kiện  Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8656ICSTRT bảng dữ liệu(HTML) 39 Page - Semtech Corporation

Back Button SX8656ICSTRT Datasheet HTML 35Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 36Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 37Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 38Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 39Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 40Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 41Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 42Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
39
www.semtech.com
SX8654/SX8655/SX8656
Haptics Enabled 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
7
TEMPERATURE SENSOR
The chip includes a temperature sensor which monitors the chip’s junction temperature. Its purpose is to provide
over-temperature information to the host and if needed automatically shutdown chip operation for thermal
protection.
Figure 50 – Temperature Sensor Overview
If TEMPALWAYSON = 0 (default), the temperature sensor will perform measurements only if the chip is active
i.e.
touchscreen
interface
running
(Op.
Mode
!=
MAN),
proximity
sensing
interface
enabled
(PROXSCANPERIOD != 0) or haptics interface enabled (HAPTTYPEEN != 00). The temperature sensor will
perform a measurement every ~32 ms (1024/FOSCL) but not during ADC conversions (temperature sensing
delayed accordingly).
If TEMPALWAYSON = 1, the temperature sensor will always perform a measurement every ~32 ms
independently from chip activity (i.e. also when the chip is inactive and during ADC conversions).
Each measurement is compared with two internally hard-coded thresholds:
Warning level: typ. 120°C (TWRNG).
Alarm level: typ. 155°C (TALRM)
Each of these thresholds is associated to a status flag (TEMPWARNINGSTAT, TEMPALARMSTAT) which
edges can be mapped to generate an interrupt to the host.
Additionally, during an alarm situation (i.e. temperature > alarm level) all chip operations (i.e. touchscreen,
proximity, haptics) are automatically shutdown until the temperature goes below the alarm level.
After a shutdown event all stored conversion data are thrown away. Cycling operations (TOUCHRATE > 0) will
resume from the start (i.e. if a 4 channel conversion is stopped during the 3
rd channel conversion, when
resuming, the 4 channels will be converted again). If the user was running some manual operation (SELECT,
CONVERT), the corresponding command will have to be re-issued. The haptics operations will resume directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com