công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SX8656ICSTRT bảng dữ liệu(PDF) 11 Page - Semtech Corporation

tên linh kiện SX8656ICSTRT
Giải thích chi tiết về linh kiện  Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8656ICSTRT bảng dữ liệu(HTML) 11 Page - Semtech Corporation

Back Button SX8656ICSTRT Datasheet HTML 7Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 8Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 9Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 10Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 11Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 12Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 13Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 14Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
11
www.semtech.com
SX8654/SX8655/SX8656
Haptics Enabled 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
Symbol
Description
Conditions
Min
Typ.
Max
Unit
Reset
VPOR
Power-On-Reset voltage
Cf. §10
-
1.3
-
V
tRESET
Reset time after POR
Cf. §10
-
-
1
ms
tPULSE
Reset pulse from host uC
Cf. §10
1
-
-
us
I2C Interface
fSCL
SCL clock frequency
-
-
-
400
kHz
tHD;STA
Hold time (repeated) START
condition
-
0.6
-
-
µs
tLOW
LOW period of the SCL clock
-
1.3
-
-
µs
tHIGH
HIGH period of the SCL clock
-
0.6
-
-
µs
tSU;STA
Set-up time for a repeated
START condition
-
0.6
-
-
µs
tHD;DAT
Data hold time
-
0
-
-
µs
tSU;DAT
Data set-up time
-
100
-
-
ns
tr
Rise time of both SDA and SCL
-
20+0.1Cb
-
300
ns
tf
Fall time of both SDA and SCL
-
20+0.1Cb
-
300
ns
tSU;STO
Set-up time for STOP condition
-
0.6
-
-
µs
tBUF
Bus free time between a STOP
and START condition
-
1.3
-
-
µs
Cb
Capacitive load for each bus line
-
-
-
400
pF
tSP
Pulse width of spikes
suppressed by the input filter
Up to 0.3xVDD from
GND, down to 0.7xVDD
from VDD
50
-
-
ns
Miscellaneous
FOSCL
Low frequency internal oscillator
-
-
32
-
kHz
FOSCH
High frequency internal oscillator
-
-
1.8
-
MHz
(1)
Guaranteed by design.
(2)
PWM mode can introduce an additional error of 2.5% of full scale.
Table 4 – Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com