công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98501CCVBH bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM98501CCVBH
Giải thích chi tiết về linh kiện  10-Bit, 27 MSPS Camera Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98501CCVBH bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI)

  LM98501CCVBH Datasheet HTML 1Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 2Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 3Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 4Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 5Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 6Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 7Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 8Page - National Semiconductor (TI) LM98501CCVBH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Pin Descriptions (Continued)
Pin
Name
I/O
Typ
Description
46
AOUT+
O
A
Positive differential analog output from correlated double sampler or PGA (selectable
through the serial interface).
47
AV+
P
+3V power supply for the analog circuits. Bypass each supply pin with 0.1 µF and 10
µF capacitors in parallel.
48
AGND
P
Analog ground return.
Legend: (I = Input), (O = Output), (IO = Bi-directional), (P = Power), (D = Digital), (A = Analog).
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24