công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACPL-33JT bảng dữ liệu(PDF) 10 Page - Broadcom Corporation.

tên linh kiện ACPL-33JT
Giải thích chi tiết về linh kiện  Automotive 2.5 Amp Gate Drive Optocoupler
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOARDCOM [Broadcom Corporation.]
Trang chủ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-33JT bảng dữ liệu(HTML) 10 Page - Broadcom Corporation.

Back Button ACPL-33JT Datasheet HTML 6Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 7Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 8Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 9Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 10Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 11Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 12Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 13Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Broadcom
- 10 -
ACPL-33JT
Data Sheet
Thermal Resistance Model for ACPL-33JT
Thermal Resistance Model for ACPL-33JT
The diagram for measurement is shown in Figure 4. This is a multi chip package with four heat sources, the effect of heating of one
die due to the adjacent dice are considered by applying the theory of linear superposition. Here, one die is heated first and the
temperatures of all the dice are recorded after thermal equilibrium is reached. Then, the second die is heated and all the dice
temperatures are recorded and so on until the 4th die is heated. With the known ambient temperature, the die junction
temperature and power dissipation, the thermal resistance can be calculated. The thermal resistance calculation can be cast in
matrix form. This yields a 4 by 4 matrix for our case of four heat sources.
Figure 4 Diagram of ACPL-33JT for Measurement
Table 9 Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input-Output Momentary
Withstand Voltage
VISO
5000
VRMS
RH < 50%, t = 1 min., TA = 25°C
Resistance (Input-Output)
RI-O
109
1014
VI-O = 500 Vdc
Capacitance (Input-Output)
CI-O
0.8
pF
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com