công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACPL-33JT bảng dữ liệu(PDF) 8 Page - Broadcom Corporation.

tên linh kiện ACPL-33JT
Giải thích chi tiết về linh kiện  Automotive 2.5 Amp Gate Drive Optocoupler
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOARDCOM [Broadcom Corporation.]
Trang chủ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-33JT bảng dữ liệu(HTML) 8 Page - Broadcom Corporation.

Back Button ACPL-33JT Datasheet HTML 4Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 5Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 6Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 7Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 8Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 9Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 10Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 11Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Broadcom
- 8 -
ACPL-33JT
Data Sheet
Electrical Specifications
LED Turn on Current Threshold
Low-to-High
ITH+
0.5
2.7
7.5
mA
VO= 5V
13
LED Turn on Current Threshold
High-to-Low
ITH-
0.3
2.3
7.0
mA
VO = 5V
13
LED Turn on Current Hysteresis
ITH_HYS
0.4
mA
/FAULT Logic Low Output Current
IFAULT_L
4
1020mA
VFAULT = 0.4V
/FAULT Logic High Output Current
IFAULT_H
0.01
2
μA
VFAULT = 5V
/UVLO Logic Low Output Current
IUVLO_L
4
1020mA
VUVLO = 0.4V
/UVLO Logic High Output Current
IUVLO_H
0.01
2
μA
VUVLO = 5V
Gate Driver
High Level Output Current
IOH
-1.7
-0.5
A
VO = VCC2 – 3 V
14
Low Level Output Current
IOL
0.5
2.4
A
VO = VEE2 + 2.5V
15
High Level Peak Output Current
IOH_PEAK
-2
A
VO = VCC2 – 14V
c
Low Level Peak Output Current
IOL_PEAK
2A
VO = VEE2 + 14V
c
High Level Output Voltage
VOH
VCC2–0.5
VCC2–0.2
V
IO = –100 mA
d, e
Low Level Output Voltage
VOL
0.1
0.5
V
IO = 100 mA
IF to High Level Output Propagation
Delay Time
tPLH
50
115
250
ns
Rg = 10
Cg = 10 nF
f = 10 kHz
Duty Cycle = 50%
16, 21
f
IF to Low Level Output Propagation
Delay Time
tPHL
50
150
300
ns
16, 21
g
Pulse Width Distortion
PWD
-175
35
230
ns
h, i
Dead Time Distortion
DTD
-230
-35
175
ns
i, j
VO 10% to 90% Rise Time
tR
10
76
280
ns
VO 90% to 10% Fall Time
tF
10
41
280
ns
Output High Level Common Mode
Transient Immunity
|CMH|30
>50
kV/s
TA=25°C,
IF =10 mA,
VCM = 1500V
23
k
Output Low Level Common Mode
Transient Immunity
|CML|30
>50
kV/s
TA = 25°C,
IF = 0 mA,
VCM = 1500V
24
l
Active Miller Clamp and Soft Shutdown
Low Level SSD Current During Fault
Condition
ISSDLF
90
150
210
mA
VSSD = 14V
17
Clamp Threshold Voltage
VTH_CLAMP
12.1
3V
Clamp Low Level Sinking Current
ICLAMP
0.5
2
A
VCLAMP =
VEE2+2.5V
VCC2 UVLO Protection
VCC2 UVLO Threshold Low to High
VUVLO+
12
13.4
14.5
V
VO > 5V
e, m
VCC2 UVLO Threshold High to Low
VUVLO-
10
11.3
12.5
V
VO < 5V
e, n
VCC2 UVLO Hysteresis
VUVLO_HYS
1.6
2.1
2.4
V
Table 8 Electrical Specifications (Continued)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com