công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACPL-33JT bảng dữ liệu(PDF) 6 Page - Broadcom Corporation.

tên linh kiện ACPL-33JT
Giải thích chi tiết về linh kiện  Automotive 2.5 Amp Gate Drive Optocoupler
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOARDCOM [Broadcom Corporation.]
Trang chủ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-33JT bảng dữ liệu(HTML) 6 Page - Broadcom Corporation.

Back Button ACPL-33JT Datasheet HTML 2Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 3Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 4Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 5Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 6Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 7Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 8Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 9Page - Broadcom Corporation. ACPL-33JT Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Broadcom
- 6 -
ACPL-33JT
Data Sheet
Regulatory Information
Table 6 Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
–55
150
°C
Operating Temperature
TA
–40
125
°C
Output IC Junction Temperature
TJ
150
°C
a
a.
Input IC power dissipation is derated linearly above 10 0°C from 15 0mW to 100 mW at 125 °C for high effective thermal conductivity
board. Output IC power dissipation is derated linearly above 100 °C from 600 mW to 350 mW at 125 °C for high effective thermal
conductivity board; see Figure 6. For power derating with low effective thermal conductivity board, see Figure 5.
Average Input Current
IF(AVG)
20
mA
Peak Transient Input Current (<1 μs
pulse width, 300pps)
IF(TRAN)
1A
Reverse Input Voltage
VR
6.0
V
Input Supply Voltage b
b.
Absolute maximum voltage ratings imply transistor off state.
VCC1 – VEE1
–0.5
6.0
V
Primary Gate Drive Voltageb
VPGD – VEE1
–0.5
VCC1
V
COMP Pin Voltage b
VCOMP – VEE1
–0.5
VCC1
V
/UVLO Output Currentc
c.
Absolute maximum current ratings imply transistor on state.
I/UVLO
10
mA
/UVLO Pin Voltageb
V/UVLO – VEE1
–0.5
6.0
V
d
d.
Duration of absolute maximum voltage applied to /UVLO or /Fault pin during the internal MOS turns ON is limited to maximum 10 μs
with maximum 5% duty cycle.
/Fault Output Currentc
I/FAULT
10
mA
/Fault Pin Voltageb
V/FAULT – VEE1
–0.5
6.0
V
d
Output Supply Voltageb
VCC2 – VEE2
–0.5
25
V
Peak Output Currentc
|IO(peak)|2.5
A
e
e.
Maximum pulse width=1 μs, maximum duty cycle=1%.
Gate Drive Output Voltage b
VO(peak) – VEE2
–0.5
VCC2+0.5
V
Miller Clamping Pin Voltageb
VCLAMP – VEE2
–0.5
VCC2+0.5
V
f
f.
When CLAMP pin is turned on, maximum pulse width is limited to 1 μs, maximum duty cycle=2%.
Desat Voltageb
VDESAT – VEE2
–0.5
VCC2+0.5
V
g
g.
Maximum pulse width=5 μs, maximum duty cycle=10%.
Soft Shutdown Pin Voltageb
VSSD – VEE2
–0.5
VCC2+0.5
V
Output IC Power Dissipation
PO
600
mW
a
Input IC Power Dissipation
PI
150
mW
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com