| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT80C196 bảng dữ liệu(PDF) 10 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT80C196 bảng dữ liệu(HTML) 10 Page - Aeroflex Circuit Technology |
|
10 / 42 page ![]() 10 Notes: 1. These pins must not be left floating. Input voltages must not exceed V DD during power-up. 2. Do not directly tie these pins to V DD or GND; if EDACEN goes low, they may be driven by the UT80C196KD and bus contention may occur. Port 2 (P2.5) PWM0 PWM0 Pulled Down Driven Low Output Port 2 (P2.6) T2UP-DN P2.6 Pulled Up Pulled Up Port 2 (P2.7) T2CAPTURE P2.7 and T2CAPTURE Pulled Up Pulled Up EDACEN EDACEN Undefined Input1 Undefined Input1 ECB5 ECB5 Undefined I/O 1 Undefined I/O 1,2 READY READY Undefined Input1 Undefined Input1 BUSWIDTH BUSWIDTH Undefined Input1 Undefined Input1 BHE WRH BHE Pulled Up Driven Output CLKOUT CLKOUT Driven Output Driven Output INST INST Pulled Down Driven Output RESET RESET Pulled Low by System Pulled Up Table 9: External I/O Reset State External I/O I/O Function After Reset I/O State During Reset I/O State After Reset |