| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADRF6820ACPZ-R7 bảng dữ liệu(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADRF6820ACPZ-R7 bảng dữ liệu(HTML) 30 Page - Analog Devices |
|
30 / 45 page ![]() ADRF6820 Data Sheet Rev. C | Page 30 of 45 REGISTER MAP Table 17. Hex Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset RW 00 SOFT_RESET [15:8] RESERVED 0x0000 W [7:0] RESERVED SOFT_RESET 01 Enables [15:8] RESERVED DMOD_EN QUAD_DIV_EN LO_DRV2X_EN 0xFE7F RW [7:0] LO_DRV1X_EN VCO_MUX_ EN REF_BUF_EN VCO_EN DIV_EN CP_EN VCO_LDO_EN RESERVED 02 INT_DIV [15:8] RESERVED DIV_MODE INT_DIV 0x002C RW [7:0] INT_DIV 03 FRAC_DIV [15:8] FRAC_DIV 0x0128 RW [7:0] FRAC_DIV 04 MOD_DIV [15:8] MOD_DIV 0x0600 RW [7:0] MOD_DIV 10 PWRDWN_ MASK [15:8] RESERVED DMOD_ MASK QUAD_DIV_ MASK LO_DRV2X_ MASK 0xFE7F RW [7:0] LO_DRV1X_ MASK VCO_MUX_ MASK REF_BUF_ MASK VCO_ MASK DIV_MASK CP_MASK VCO_LDO_ MASK RESERVED 20 CP_CTL [15:8] RESERVED CPSEL CSCALE RESERVED 0x0C26 RW [7:0] RESERVED BLEED 21 PFD_CTL [15:8] RESERVED 0x0003 RW [7:0] RESERVED REF_MUX_SEL PFD_POLARITY REFSEL 22 VCO_CTL [15:8] RESERVED RESERVED 0x2A03 RW [7:0] LO_DRV_LVL DRVDIV2_EN DIV8_EN DIV4_EN VCO_SEL 23 DGA_CTL [15:8] RESERVED RFSW_MUX RESERVED RFSW_SEL RFDSA_SEL 0x0000 RW [7:0] RFDSA_SEL RESERVED 30 BALUN_CTL [15:8] RESERVED 0x0000 RW [7:0] BAL_COUT RESERVED BAL_CIN RESERVED 31 MIXER_CTL [15:8] RESERVED MIX_BIAS RESERVED DEMOD_RDAC 0x1101 RW [7:0] DEMOD_RDAC RESERVED DEMOD_CDAC 32 MOD_CTL0 [15:8] RESERVED POLQ POLI 0x0900 RW [7:0] QLO ILO 33 MOD_CTL1 [15:8] DCOFFI 0x0000 RW [7:0] DCOFFQ 34 MOD_CTL2 [15:8] RESERVED BB_BIAS BWSEL 0x0B00 RW [7:0] RESERVED RESERVED 40 PFD_CTL2 [15:8] RESERVED 0x0010 RW [7:0] RESERVED ABLDLY CPCTRL CLKEDGE 42 DITH_CTL1 [15:8] RESERVED 0x000E RW [7:0] RESERVED DITH_EN DITH_MAG DITH_VAL 43 DITH_CTL2 [15:8] DITH_VAL 0x0001 RW [7:0] DITH_VAL 44 DIV_SM_ CTL [15:8] RESERVED 0x0000 RW [7:0] RESERVED BANDCAL_ DIVD_CLR 45 VCO_CTL2 [15:8] RESERVED 0x0000 RW [7:0] VCO_BAND_SRC BAND 46 VCO_RB [15:8] RESERVED 0x0000 R [7:0] RESERVED VCO_BAND 49 VCO_CTL3 [15:8] RESERVED SET_1 SET_0 0x16BD RW [7:0] SET_0 |