công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F962PMT bảng dữ liệu(PDF) 30 Page - Cypress Semiconductor

tên linh kiện MB90F962PMT
Giải thích chi tiết về linh kiện  Built-in PLL clock frequency multiplying circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F962PMT bảng dữ liệu(HTML) 30 Page - Cypress Semiconductor

Back Button MB90F962PMT Datasheet HTML 26Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 27Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 28Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 29Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 30Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 31Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 32Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 33Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
MB90960 Series
DS07-13749-3E
29
2.
Recommended Conditions
(VSS
= AVSS = 0 V)
* : There is limited reliability if the product is used exceeding TA = +105
°C. Contact the sales or support
representative for this case.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Power supply voltage
VCC,
AVCC
4.0
5.0
5.5
V
Under normal operation
3.5
5.0
5.5
V
Under normal operation when not using
the A/D converter and not Flash
programming.
3.0
⎯
5.5
V
Maintains RAM data in stop mode
Smooth capacitor
CS
0.1
⎯
1.0
μF
Use a ceramic capacitor or capacitor of
better AC characteristics for the C pin.
Bypass capacitor at the VCC pin should
be greater than this capacitor.
Operating temperature
TA
−40
⎯+105
°C
−40
⎯+125
°C*
C
CS
• C Pin Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com