công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F962PMT bảng dữ liệu(PDF) 14 Page - Cypress Semiconductor

tên linh kiện MB90F962PMT
Giải thích chi tiết về linh kiện  Built-in PLL clock frequency multiplying circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F962PMT bảng dữ liệu(HTML) 14 Page - Cypress Semiconductor

Back Button MB90F962PMT Datasheet HTML 10Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 11Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 12Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 13Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 14Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 15Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 16Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 17Page - Cypress Semiconductor MB90F962PMT Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
MB90960 Series
DS07-13749-3E
13
■ HANDLING DEVICES
Special care is required for the following when handling the device :
• Preventing latch-up
• Treatment of unused pins
• Using external clock
• Notes on during operation of PLL clock mode
• Power supply pins (VCC/VSS)
• Pull-up/down resistors
• Crystal oscillator circuit
• Turning-on sequence of power supply to A/D converter and analog inputs
• Connection of unused pins of A/D converter
• Notes on energization
• Stabilization of power supply voltage
• Initialization
• Correspondence with
+105 °C or more
1.
Preventing latch-up
CMOS IC chips may suffer latch-up under the following conditions :
• A voltage higher than VCC or lower than VSS is applied to an input or output pin.
• A voltage higher than the rated voltage is applied between VCC and VSS.
•The AVCC power supply is applied before the VCC voltage.
Latch-up may increase the power supply current drastically, causing thermal damage to the device.
When used, note that maximum rated voltage is not exceeded.
For the same reason, also be careful not to let the analog power-supply voltage (AVCC, AVR) exceed the digital
power-supply voltage.
2.
Treatment of unused pins
Leaving unused input pins open may result in misbehavior or latch-up and possible permanent damage of the
device. Therefore, they must be pulled up or pulled down through resistors. In this case, those resistors should
be more than 2 k
Ω .
Unused bidirectional pins should be set to the output state and can be left open, or the input state with the above
described connection.
3.
Using external clock
To use external clock, drive the X0 (X0A) pin and leave X1 (X1A) pin open.
MB90960 Series
X0 (X0A)
X1 (X1A)
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com