| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90F962PMT bảng dữ liệu(PDF) 41 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F962PMT bảng dữ liệu(HTML) 41 Page - Cypress Semiconductor |
|
41 / 57 page ![]() MB90960 Series 40 DS07-13749-3E • Bit setting: ESCR:SCES = 0, ECCR:SCDE = 1 (TA = −40 °C to +125 °C*, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = 0 V) * : There is limited reliability if the product is used exceeding TA = +105 °C. Contact the sales or support representative for this case. Notes : • CL is load capacity value of pins when testing. • tCP is the machine clock cycle time (Unit : ns) . Refer to “ (1) Clock Timing” rating for tCP. Parameter Symbol Pin Condition Value Unit Min Max Serial clock cycle time tSCYC SCK0,SCK1 Internal clock operation output pins are CL = 80 pF + 1 TTL. 5 tCP ⎯ ns SCK ↑ → SOT delay time tSHOVI SCK0,SCK1 SOT0,SOT1 −50 +50 ns Valid SIN → SCK ↓ tIVSLI SCK0,SCK1 SIN0,SIN1 tCP + 80 ⎯ ns SCK ↓ → Valid SIN hold time tSLIXI SCK0,SCK1 SIN0,SIN1 0 ⎯ ns SOT → SCK ↓ delay time tSOVLI SCK0,SCK1 SOT0,SOT1 3 tCP − 70 ⎯ ns SCK0, SCK1 2.4 V tSCYC 0.8 V SOT0, SOT1 0.8 V 2.4 V tSOVLI SIN0, SIN1 VIL VIH tIVSLI VIL VIH tSLIXI 0.8 V tSHOVI 0.8 V 2.4 V |