| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HMC702LP6CE bảng dữ liệu(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
HMC702LP6CE bảng dữ liệu(HTML) 3 Page - Analog Devices |
|
3 / 38 page ![]() For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com Application Support: Phone: 978-250-3343 or apps@hittite.com 3 HMC702LP6CE v10.0812 14 GHz 16-BIT FRACTIONAL-N PLL Table 1. Electrical Specifications Parameter conditions / notes Min typ Max Units Phase Detector Fractional Mode Phase Detector Frequency 0.1 70 MHz integer Mode Phase Detector Frequency 0.1 100 MHz Charge Pump Max output current 4 ma Min output current 125 µa charge Pump Gain Step Size (5-bits) 125 µa charge Pump trim Step Size (3-bits) 14 µa charge Pump offset Step Size (4-bits) 29 µa PFD / charge Pump noise (integer) 6 GHz, 50 MHz ref, input referred 1 kHz -141 dBc/Hz 10 kHz -149 dBc/Hz 100 kHz -155 dBc/Hz compliance Voltage Less than 3 dB degradation typ. at these limits -406 µa offset 0.4 VPPcP-0.8 V -406 µa offset 0.8 VPPcP-0.4 V Logic Inputs ViH input High Voltage VDDio-0.4 V ViL input Low Voltage 0.4 V Logic Outputs ViH output High Voltage VDDio-0.1 V ViL output Low Voltage 0.1 V Power Supply Voltages Vcc - analog 3V Supplies VccPrS, rVDD, VccHF 3 3.3 3.45 V DVDD - Digital internal Supply DVDD, DVDDQ 3 3.3 3.45 V DVDDio - Digital i/o Supply DVDDio 3 3.3 3.45 V analog 5V Supplies Vccoa, VPPcP, VPPDrV, VDDPD, VDDPDV, VDDPDr 4.5 5.0 5.5 V Power Supply Current (6 GHz Fractional Mode, 50 MHz PFD) analog +5V Vccoa, VPPcP, VPPDrV, VDDPD, VDDPDV, VDDPDr 26 ma analog +3.3V VccPrS, rVDD, VccHF 116 ma Digital +3.3V DVDD, DVDDio, DVDDQ 19 ma Power Down - crystal off reg 01h = 0 crystal not clocked 10 µa Power Down - crystal on, 100 MHz reg 01h = 0 crystal clocked 100 MHz 20 200 µa Temperature Sensor (3-bit) Min temperature readout: 000 -32 °c (Continued) Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 Phone: 781-329-4700 • Order online at www.analog.com Application Support: Phone: 1-800-ANALOG-D |