công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA84C643 bảng dữ liệu(PDF) 26 Page - NXP Semiconductors

tên linh kiện PCA84C643
Giải thích chi tiết về linh kiện  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C643 bảng dữ liệu(HTML) 26 Page - NXP Semiconductors

Back Button PCA84C643 Datasheet HTML 22Page - NXP Semiconductors PCA84C643 Datasheet HTML 23Page - NXP Semiconductors PCA84C643 Datasheet HTML 24Page - NXP Semiconductors PCA84C643 Datasheet HTML 25Page - NXP Semiconductors PCA84C643 Datasheet HTML 26Page - NXP Semiconductors PCA84C643 Datasheet HTML 27Page - NXP Semiconductors PCA84C643 Datasheet HTML 28Page - NXP Semiconductors PCA84C643 Datasheet HTML 29Page - NXP Semiconductors PCA84C643 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
1996 Nov 29
26
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
12.6.4
DERIVATIVE REGISTER OSDCB
Table 21 Derivative register OSDCB (address 43H)
Table 22 Description of OSDCB bits
REGISTER
FUNCTION
OSDCB
Determine the selection of:
• The size of the dot matrix grid
• Four colours from a possible seven for the display.
76543210
CDTW
CDTH
CC33
CC23
CC32
CC12
CC21
CC11
BIT SYMBOL
DESCRIPTION
7
CDTW
Character dot width control.The state of this bit determines the dot width of the character. When
the CDTW bit is set to:
Logic 1, the character width is 6 dots.
Logic 0, the character width is 8 dots.
6
CDTH
Character dot height control. The state of this bit determines the dot height of the character. When
the CDTH bit is set to:
Logic 1, the character height is 13 dots.
Logic 0, the character height is 9 dots.
5
CC33
Colour control bits.
In every VSYNCN cycle one screen can select any 4 colours from 7 and in addition a blank or black
screen. Combinations of CC1X, CC2X and CC3X control the character outputs VOW1, VOW2 and
VOW3 as shown in Table 24.
4
CC23
3
CC32
2
CC12
1
CC21
0
CC11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com